Electronic Components Datasheet Search
  English  ▼

X  

DAC900 Datasheet(PDF) 2 Page - Texas Instruments

Part # DAC900
Description  10-Bit, 165MSPS DIGITAL-TO-ANALOG CONVERTER
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DAC900 Datasheet(HTML) 2 Page - Texas Instruments

  DAC900 Datasheet HTML 1Page - Texas Instruments DAC900 Datasheet HTML 2Page - Texas Instruments DAC900 Datasheet HTML 3Page - Texas Instruments DAC900 Datasheet HTML 4Page - Texas Instruments DAC900 Datasheet HTML 5Page - Texas Instruments DAC900 Datasheet HTML 6Page - Texas Instruments DAC900 Datasheet HTML 7Page - Texas Instruments DAC900 Datasheet HTML 8Page - Texas Instruments DAC900 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 25 page
background image
DAC900
2
SBAS093B
ELECTRICAL CHARACTERISTICS
At T
A = full specified temperature range, +VA = +5V, +VD = +5V, differential transformer coupled output, 50Ω doubly terminated, unless otherwise specified.
DAC900U/E
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
RESOLUTION
10
Bits
OUTPUT UPDATE RATE
2.7V to 3.3V
125
165
MSPS
Output Update Rate (fCLOCK)
4.5V to 5.5V
165
200
MSPS
Full Specified Temperature Range, Operating
Ambient, TA
–40
+85
°C
STATIC ACCURACY(1)
TA = +25°C
Differential Nonlinearity (DNL)
fCLOCK = 25MSPS, fOUT = 1.0MHz
–0.5
±0.3
+0.5
LSB
Integral Nonlinearity (INL)
–1.0
±0.5
+1.0
LSB
DYNAMIC PERFORMANCE
TA = +25°C
Spurious-Free Dynamic Range (SFDR)
To Nyquist
fOUT = 1.0MHz, fCLOCK = 25MSPS
70
76
dBc
fOUT = 2.1MHz, fCLOCK = 50MSPS
75
dBc
fOUT = 5.04MHz, fCLOCK = 50MSPS
68
dBc
fOUT = 5.04MHz, fCLOCK = 100MSPS
68
dBc
fOUT = 20.2MHz, fCLOCK = 100MSPS
62
dBc
fOUT = 25.3MHz, fCLOCK = 125MSPS
62
dBc
fOUT = 41.5MHz, fCLOCK = 125MSPS
53
dBc
fOUT = 27.4MHz, fCLOCK = 165MSPS
59
dBc
fOUT = 54.8MHz, fCLOCK = 165MSPS
53
dBc
Spurious-Free Dynamic Range within a Window
fOUT = 5.04MHz, fCLOCK = 50MSPS
2MHz Span
78
dBc
fOUT = 5.04MHz, fCLOCK = 100MSPS
4MHz Span
78
dBc
Total Harmonic Distortion (THD)
fOUT = 2.1MHz, fCLOCK = 50MSPS
–74
dBc
fOUT = 2.1MHz, fCLOCK = 125MSPS
–73
dBc
Two Tone
fOUT1 = 13.5MHz, fOUT2 = 14.5MHz, fCLOCK = 100MSPS
60
dBc
Output Settling Time(2)
to 0.1%
30
ns
ELECTROSTATIC
DISCHARGE SENSITIVITY
This integrated circuit can be damaged by ESD. Texas Instru-
ments recommends that all integrated circuits be handled with
appropriate precautions. Failure to observe proper handling
and installation procedures can cause damage.
ESD damage can range from subtle performance degradation
to complete device failure. Precision integrated circuits may
be more susceptible to damage because very small parametric
changes could cause the device not to meet its published
specifications.
PACKAGE
SPECIFIED
DRAWING
TEMPERATURE
PACKAGE
ORDERING
TRANSPORT
PRODUCT
PACKAGE
NUMBER
RANGE
MARKING
NUMBER(1)
MEDIA
DAC900U
SO-28
217
–40
°C to +85°C
DAC900U
DAC900U
Rails
""
"
"
"
DAC900U/1K
Tape and Reel
DAC900E
TSSOP-28
360
–40
°C to +85°C
DAC900E
DAC900E
Rails
""
"
"
"
DAC900E/2K5
Tape and Reel
NOTE: (1) Models with a slash (/) are available only in Tape and Reel in the quantities indicated (e.g., /2K5 indicates 2500 devices per reel). Ordering 2500 pieces
of “DAC900E/2K5” will get a single 2500-piece Tape and Reel.
PACKAGE/ORDERING INFORMATION
DEMO BOARD
PRODUCT
ORDERING NUMBER
COMMENT
DAC900U
DEM-DAC90xU
Populated evaluation board without DAC. Order sample of desired DAC90x model separately.
DAC900E
DEM-DAC900E
Populated evaluation board including the DAC900E.
DEMO BOARD ORDERING INFORMATION
ABSOLUTE MAXIMUM RATINGS
+VA to AGND ........................................................................ –0.3V to +6V
+VD to DGND ........................................................................ –0.3V to +6V
AGND to DGND ................................................................. –0.3V to +0.3V
+VA to +VD ............................................................................... –6V to +6V
CLK, PD to DGND ..................................................... –0.3V to VD + 0.3V
D0-D9 to DGND ......................................................... –0.3V to VD + 0.3V
IOUT, IOUT to AGND ........................................................ –1V to VA + 0.3V
BW, BYP to AGND ..................................................... –0.3V to VA + 0.3V
REFIN, FSA to AGND ................................................. –0.3V to VA + 0.3V
INT/EXT to AGND ...................................................... –0.3V to VA + 0.3V
Junction Temperature .................................................................... +150
°C
Case Temperature ......................................................................... +100
°C
Storage Temperature .................................................................... +125
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com