Electronic Components Datasheet Search
  English  ▼

X  

DAC900 Datasheet(PDF) 4 Page - Texas Instruments

Part # DAC900
Description  10-Bit, 165MSPS DIGITAL-TO-ANALOG CONVERTER
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DAC900 Datasheet(HTML) 4 Page - Texas Instruments

  DAC900 Datasheet HTML 1Page - Texas Instruments DAC900 Datasheet HTML 2Page - Texas Instruments DAC900 Datasheet HTML 3Page - Texas Instruments DAC900 Datasheet HTML 4Page - Texas Instruments DAC900 Datasheet HTML 5Page - Texas Instruments DAC900 Datasheet HTML 6Page - Texas Instruments DAC900 Datasheet HTML 7Page - Texas Instruments DAC900 Datasheet HTML 8Page - Texas Instruments DAC900 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 25 page
background image
DAC900
4
SBAS093B
Current
Sources
LSB
Switches
Segmented
MSB
Switches
+1.24V Ref.
Latches
10-Bit Data Input
D9.......D0
DAC900
FSA
BW
+V
D
+V
A
R
SET
AGND
CLK
DGND
REF
IN
0.1
µF
INT/EXT
I
OUT
I
OUT
BYP
PD
20pF
50
Ω
50
Ω
20pF
1:1
0.1
µF
0.1
µF
+5V
+5V
Bit 1
Bit 2
Bit 3
Bit 4
Bit 5
Bit 6
Bit 7
Bit 8
Bit 9
Bit 10
NC
NC
NC
NC
CLK
+V
D
DGND
NC
+V
A
BYP
I
OUT
I
OUT
AGND
BW
FSA
REF
IN
INT/EXT
PD
1
2
3
4
5
6
7
8
9
10
11
12
13
14
28
27
26
25
24
23
22
21
20
19
18
17
16
15
DAC900
PIN
DESIGNATOR
DESCRIPTION
1
Bit 1
Data Bit 1 (D9), MSB
2
Bit 2
Data Bit 2 (D8)
3
Bit 3
Data Bit 3 (D7)
4
Bit 4
Data Bit 4 (D6)
5
Bit 5
Data Bit 5 (D5)
6
Bit 6
Data Bit 6 (D4)
7
Bit 7
Data Bit 7 (D3)
8
Bit 8
Data Bit 8 (D2)
9
Bit 9
Data Bit 9 (D1)
10
Bit 10
Data Bit 10 (D0), LSB
11
NC
No Connection
12
NC
No Connection
13
NC
No Connection
14
NC
No Connection
15
PD
Power Down, Control Input; Active
HIGH. Contains internal pull-down circuit;
may be left unconnected if not used.
16
INT/EXT
Reference Select Pin; Internal ( = 0) or
External ( = 1) Reference Operation.
17
REF
IN
Reference Input/Ouput. See Applications
section for further details.
18
FSA
Full-Scale Output Adjust
19
BW
Bandwidth/Noise Reduction Pin:
Bypass with 0.1
µF to +V
A for Optimum
Performance.
20
AGND
Analog Ground
21
I
OUT
Complementary DAC Current Output
22
I
OUT
DAC Current Output
23
BYP
Bypass Node: Use 0.1
µF to AGND
24
+V
A
Analog Supply Voltage, 2.7V to 5.5V
25
NC
No Connection
26
DGND
Digital Ground
27
+V
D
Digital Supply Voltage, 2.7V to 5.5V
28
CLK
Clock Input
PIN DESCRIPTIONS
PIN CONFIGURATION
Top View
SO, TSSOP
TYPICAL CONNECTION CIRCUIT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com