Electronic Components Datasheet Search
  English  ▼

X  

ACTB3C1 Datasheet(PDF) 5 Page - Panasonic Semiconductor

Part # ACTB3C1
Description  Automotive Relays TB RELAYS
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

ACTB3C1 Datasheet(HTML) 5 Page - Panasonic Semiconductor

  ACTB3C1 Datasheet HTML 1Page - Panasonic Semiconductor ACTB3C1 Datasheet HTML 2Page - Panasonic Semiconductor ACTB3C1 Datasheet HTML 3Page - Panasonic Semiconductor ACTB3C1 Datasheet HTML 4Page - Panasonic Semiconductor ACTB3C1 Datasheet HTML 5Page - Panasonic Semiconductor ACTB3C1 Datasheet HTML 6Page - Panasonic Semiconductor ACTB3C1 Datasheet HTML 7Page - Panasonic Semiconductor ACTB3C1 Datasheet HTML 8Page - Panasonic Semiconductor ACTB3C1 Datasheet HTML 9Page - Panasonic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
Automotive Relays TB RELAYS
3.Distribution of operate (set) and release
(reset) voltage
0
Sample: ACTB32, 40 × 2 pcs.
Operate voltage
Release voltage
30
20
10
40
50
60
70
80
1
0
2
3
5
4
6
7
8
Voltage, V
4.Distribution of operate (set) and release
(reset) time
0
30
20
10
40
50
60
70
80
1
0
2
3
5
4
6
7
8
Sample: ACTB32, 40 × 2 pcs.
* Without diode
Time, ms
Operate voltage
Release voltage
5.Electrical life test (Motor lock)
M
Sample: ACTB32, 3 pcs.
Load: 25 A 14 V DC
Power window motor actual load ( lock condition )
Operating frequency: ON 0.5 s, OFF 9.5 s
Ambient temperature: Room temperature
Circuit:
6
7
8
4
2
3
5
1
0
5
10
15
20
25
30
0
10
5
0
100 ms
5 A
Current value: 25 A
10
5
0
Change of operate ( set ) and release ( reset ) voltage
Load current waveform
Change of contact resistance
Contact welding: 0 time
Miscontact: 0 time
Contact welding: 0 time
Miscontact: 0 time
N.C. side
N.O. side
Operate voltage
Operate voltage
Release voltage
Release voltage
Ave.
Max.
Ave.
Ave.
Max.
Min.
Min.
Max.
Min.
Max.
Ave.
Min.
No. of operations, × 104
No. of operations, × 104
ASCTB95E 202204
Panasonic Industry Co., Ltd. 2022
ー 4 ー
Panasonic Industry Co., Ltd. Electromechanical Control Business Division
industrial.panasonic.com/ac/e/



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com