Electronic Components Datasheet Search
  English  ▼

X  

ACTB3C1 Datasheet(PDF) 10 Page - Panasonic Semiconductor

Part # ACTB3C1
Description  Automotive Relays TB RELAYS
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

ACTB3C1 Datasheet(HTML) 10 Page - Panasonic Semiconductor

Back Button ACTB3C1 Datasheet HTML 4Page - Panasonic Semiconductor ACTB3C1 Datasheet HTML 5Page - Panasonic Semiconductor ACTB3C1 Datasheet HTML 6Page - Panasonic Semiconductor ACTB3C1 Datasheet HTML 7Page - Panasonic Semiconductor ACTB3C1 Datasheet HTML 8Page - Panasonic Semiconductor ACTB3C1 Datasheet HTML 9Page - Panasonic Semiconductor ACTB3C1 Datasheet HTML 10Page - Panasonic Semiconductor ACTB3C1 Datasheet HTML 11Page - Panasonic Semiconductor ACTB3C1 Datasheet HTML 12Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
Automotive Relays TB RELAYS
GUIDELINES FOR USAGE
Standard type
High heat resistant type
Usage, transport and storage conditions
1) Ambient temperature, humidity and air pressure during
usage transport, and storage of the relay:
(1) Temperature: –40 to +85°C (Standard type)
–40 to +110°C
(High heat-resistant type/Pin in Paste compliant type)
(2) Humidity: 2 to 85% RH (Avoid icing and condensation)
(3) Air pressure: 86 to 106 kPa
The humidity range varies with the temperature. Use within the
range indicated in the graph below.
[Temperature and humidity range for usage, transport, and
storage]
For general cautions for use, please refer to the "Automotive Relay Users Guide".
5
85
Humidity (% RH)
Avoid icing
when used at
temperatures
lower than 0°C
Avoid con­
densation when
used at tem­
peratures higher
than 0°C
Allowable range
Ambient temperature (℃)
0
85
­40
5
2
85
0
85
110
-40
Humidity(%RH)
Ambient temperature(°C)
Allowable range
Avoid icing
when used at
temperatures
lower than 0°C
Avoid
condensation
when used at
temperatures
higher than 0°C
2) Water condensation
Water condensation occurs when the ambient temperature
drops suddenly from a high temperature and humidity, or, the
relay is suddenly transferred from a low ambient temperature
to a high temperature and humidity. Condensation causes
the failures like insulation deterioration, wire disconnection
and rust etc. Panasonic Corporation does not guarantee the
failures caused by condensation. The heat conduction by the
equipment may accelerate the cooling of relay itself, and the
condensation may occur. Please confirm no condensation
in the worst condition of the actual usage. (Special attention
should be paid when high temperature heating parts are close
to the relay. Also, please consider the condensation may occur
inside of the relay.)
3) Icing
Please check the icing when an ambient temperature is
lower than 0°C. Icing means, the moisture contained in the
surrounding environment and inside the relay freezes when the
ambient temperature falls below the freezing point. The icing
causes the sticking of movable portion, the operation delay
and the contact conduction failure etc. Panasonic Corporation
does not guarantee the failures caused by the icing. The heat
conduction by the equipment may accelerate the cooling of
relay itself and the icing may occur. Icing condition is changed
by ambient environment, please make sure to confirm no icing
in the worst condition of the actual usage.
ASCTB95E 202204
Panasonic Industry Co., Ltd. 2022
ー 9 ー
Panasonic Industry Co., Ltd. Electromechanical Control Business Division
industrial.panasonic.com/ac/e/



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com