Electronic Components Datasheet Search
  English  ▼

X  

CS360-01 Datasheet(PDF) 1 Page - Coherent Corp

Part # CS360-01
Description  AIR TO PLATE CHILLER SYSTEM
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COHERENT [Coherent Corp]
Direct Link  https://www.coherent.com/
Logo COHERENT - Coherent Corp

CS360-01 Datasheet(HTML) 1 Page - Coherent Corp

  CS360-01 Datasheet HTML 1Page - Coherent Corp CS360-01 Datasheet HTML 2Page - Coherent Corp CS360-01 Datasheet HTML 3Page - Coherent Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
FEATURES
• RoHS EU Compliant
• Designed for operation above dew point.
• Modular configuration allows 1 master and up to 3 slaved chiller units to be driven by each controller.
• Individual PID control of each chiller for optimum thermal uniformity of customer’s device surface.
• RS485 communication from controller to chillers.
• Typical umbilical cable length from controller to master chiller is 150 ft.
• Typical cable length between chiller units is 5 ft.
AIR TO PLATE CHILLER SYSTEM
Thermoelectric Systems


Similar Part No. - CS360-01

ManufacturerPart #DatasheetDescription
logo
Hammond Manufacturing L...
CS362410 HAMMOND-CS362410 Datasheet
115Kb / 3P
Type 1 Mild Steel Junction Box CS Series Screw Cover and without Knockouts
CS36246 HAMMOND-CS36246 Datasheet
115Kb / 3P
Type 1 Mild Steel Junction Box CS Series Screw Cover and without Knockouts
CS36248 HAMMOND-CS36248 Datasheet
115Kb / 3P
Type 1 Mild Steel Junction Box CS Series Screw Cover and without Knockouts
logo
List of Unclassifed Man...
CS363 ETC2-CS363 Datasheet
323Kb / 8P
HIGH POWER TRIODE
logo
Hammond Manufacturing L...
CS363612 HAMMOND-CS363612 Datasheet
115Kb / 3P
Type 1 Mild Steel Junction Box CS Series Screw Cover and without Knockouts
More results

Similar Description - CS360-01

ManufacturerPart #DatasheetDescription
logo
Advanced Thermal Soluti...
ATS-FP-100W-12-C ATS-ATS-FP-100W-12-C Datasheet
313Kb / 1P
Air to Plate Thermoelectric Assembly
ATS-FP-70W-24-C ATS-ATS-FP-70W-24-C Datasheet
532Kb / 1P
Air to Plate Thermoelectric Assembly
ATS-FP-70W-12-C ATS-ATS-FP-70W-12-C Datasheet
524Kb / 1P
Air to Plate Thermoelectric Assembly
logo
Laird Tech Smart Techno...
WL500 LSTD-WL500 Datasheet
301Kb / 3P
Liquid to Air Heat Exchanger System
WL1000 LSTD-WL1000 Datasheet
259Kb / 3P
Liquid to Air Heat Exchanger System
WL1500 LSTD-WL1500 Datasheet
253Kb / 3P
Liquid to Air Heat Exchanger System
WL2000 LSTD-WL2000 Datasheet
280Kb / 3P
Liquid to Air Heat Exchanger System
WL3000 LSTD-WL3000 Datasheet
277Kb / 3P
Liquid to Air Heat Exchanger System
WL5000 LSTD-WL5000 Datasheet
286Kb / 3P
Liquid to Air Heat Exchanger System
385911-015 LSTD-385911-015 Datasheet
868Kb / 5P
Nextreme™ Performance Chiller NRC2400-A1-20-ST1
06-01-2022
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com