Electronic Components Datasheet Search
  English  ▼

X  

CS360-01 Datasheet(PDF) 2 Page - Coherent Corp

Part # CS360-01
Description  AIR TO PLATE CHILLER SYSTEM
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COHERENT [Coherent Corp]
Direct Link  https://www.coherent.com/
Logo COHERENT - Coherent Corp

CS360-01 Datasheet(HTML) 2 Page - Coherent Corp

  CS360-01 Datasheet HTML 1Page - Coherent Corp CS360-01 Datasheet HTML 2Page - Coherent Corp CS360-01 Datasheet HTML 3Page - Coherent Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2
AIR TO PLATE CHILLER SYSTEM
Installation
Each chiller is mounted separately to the surface plate
by four captive M5 x 0.8 screws. Refer to the mechanical
characteristics section for the screw locations. Connec-
tion to the captive screws is available by moving the
access panels on the fan shroud. Torque the mounting
screws to 30 in-lbs during assembly. For optimum perfor-
mance, use of a thermal interface material between
the chiller and surface plate is recommended. The
master chiller unit is connected to the controller with the
supplied 150 ft. cable. If the master chiller is mounted at
any substantial height conditions, it is recommended to
utilize some form of cable strain relief due to the weight
of the cable. Remaining chillers may be added in series
using the supplied 5 ft. cables. Power is delivered to the
controller unit via the supplied UL rated AC power cable.
Nominal Parameters
Single Chiller Cooling Capacity
90 W
Operating Temperature
10°C - 38°C
Chiller Input Current
5.5 A
Chiller Input Voltage
48 VDC
Controller Input Voltage
90 - 264 VAC
Controller AC Input Frequency
47-63 Hz
Ordering Options
Model Number
Description
CS180-01
2 Chiller System Assembly
CS270-01
3 Chiller System Assembly
CS360-01
4 Chiller System Assembly
Mechanical Performance
Dimensions in millimeters



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com