Electronic Components Datasheet Search
  English  ▼

X  

HT140WXB-101 Datasheet(PDF) 4 Page - BOE Technology Group Co., Ltd

Part # HT140WXB-101
Description  1 Channel LVDS Interface with 1 pixel / clock
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOE [BOE Technology Group Co., Ltd]
Direct Link  https://www.boe.com/en/index
Logo BOE - BOE Technology Group Co., Ltd

HT140WXB-101 Datasheet(HTML) 4 Page - BOE Technology Group Co., Ltd

  HT140WXB-101 Datasheet HTML 1Page - BOE Technology Group Co., Ltd HT140WXB-101 Datasheet HTML 2Page - BOE Technology Group Co., Ltd HT140WXB-101 Datasheet HTML 3Page - BOE Technology Group Co., Ltd HT140WXB-101 Datasheet HTML 4Page - BOE Technology Group Co., Ltd HT140WXB-101 Datasheet HTML 5Page - BOE Technology Group Co., Ltd HT140WXB-101 Datasheet HTML 6Page - BOE Technology Group Co., Ltd HT140WXB-101 Datasheet HTML 7Page - BOE Technology Group Co., Ltd HT140WXB-101 Datasheet HTML 8Page - BOE Technology Group Co., Ltd HT140WXB-101 Datasheet HTML 9Page - BOE Technology Group Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 35 page
background image
B2006-5006-O (3/3)
A4(210 X 297)
2010.2.11
0
TFT LCD PRODUCT
ISSUE DATE
REV
PRODUCT GROUP
PAGE
OF 35
SPEC TITLE
HT140WXB-101 Product Specification
SPEC. NUMBER
S
4
1.0 GENERAL DESCRIPTION
1.1 Introduction
HT140WXB-101 is a color active matrix TFT LCD module using amorphous silicon TFT's
(Thin Film Transistors) as an active switching devices. This module has a 14.0 inch
diagonally measured active area with WXGA resolutions (1366 horizontal by 768 vertical
pixel array). Each pixel is divided into RED, GREEN, BLUE dots which are arranged in
vertical Stripe and this module can display 262,144 colors. The TFT-LCD panel used for this
module is a low reflection and higher color type. Therefore, this module is suitable for
Notebook PC. The LED Driver for back-light driving is built in this model.
All input signals are LVDS interface compatible.
1.2 Features
1 Channel LVDS Interface with 1 pixel / clock
Thin and light weight
6-bit color depth, display 262K colors
Single LED Lighting Bar. (Top side/Horizontal Direction)
Data enable signal mode
Side Mounting Frame
Green Product (RoHS & Halogen free product)
On board LED Driving circuit
Low driving voltage and low power consumption
On board EDID chip
BACK LIGHT (Fluorescent Lamp)
Source Driver
TFT LCD Panel
1366 ×768
LVDS Rx
+
T/CON
+
Mini-LVDS Tx
DC/DC
Gamma
Vcom
LVDS
Input
Signal
VDD
LED Lighting Bar
LED Driver



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com