Electronic Components Datasheet Search
  English  ▼

X  

HT140WXB-101 Datasheet(PDF) 6 Page - BOE Technology Group Co., Ltd

Part # HT140WXB-101
Description  1 Channel LVDS Interface with 1 pixel / clock
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOE [BOE Technology Group Co., Ltd]
Direct Link  https://www.boe.com/en/index
Logo BOE - BOE Technology Group Co., Ltd

HT140WXB-101 Datasheet(HTML) 6 Page - BOE Technology Group Co., Ltd

Back Button HT140WXB-101 Datasheet HTML 2Page - BOE Technology Group Co., Ltd HT140WXB-101 Datasheet HTML 3Page - BOE Technology Group Co., Ltd HT140WXB-101 Datasheet HTML 4Page - BOE Technology Group Co., Ltd HT140WXB-101 Datasheet HTML 5Page - BOE Technology Group Co., Ltd HT140WXB-101 Datasheet HTML 6Page - BOE Technology Group Co., Ltd HT140WXB-101 Datasheet HTML 7Page - BOE Technology Group Co., Ltd HT140WXB-101 Datasheet HTML 8Page - BOE Technology Group Co., Ltd HT140WXB-101 Datasheet HTML 9Page - BOE Technology Group Co., Ltd HT140WXB-101 Datasheet HTML 10Page - BOE Technology Group Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 35 page
background image
B2006-5006-O (3/3)
A4(210 X 297)
2010.2.11
0
TFT LCD PRODUCT
ISSUE DATE
REV
PRODUCT GROUP
PAGE
OF 35
SPEC TITLE
HT140WXB-101 Product Specification
SPEC. NUMBER
S
6
2.0 ABSOLUTE MAXIMUM RATINGS
The followings are maximum values which, if exceed, may cause faulty operation or
damage to the unit. The operational and non-operational maximum voltage and current
values are listed in Table 2.
℃
+60
-20
T
ST
Storage Temperature
Note 2
℃
+50
0
T
OP
Operating Temperature
V
V
DD+0.3
V
ss-0.3
V
IN
Logic Supply Voltage
Note 1
V
4.0
-0.3
V
DD
Power Supply Voltage
Remarks
Unit
Max.
Min.
Symbol
Parameter
Notes : 1. Permanent damage to the device may occur if maximum values are exceeded
functional operation should be restricted to the condition described under normal
operating conditions.
2. Temperature and relative humidity range are shown in the figure below.
95 % RH Max. ( 40 OC ≥ Ta)
Maximum wet - bulb temperature at 39 OC or less. (Ta > 40 OC) No condensation.
Ta=25+/-2°C
< Table 2. Absolute Maximum Ratings>
Operating Range
-40
-20
0
20
40
60
80
Temperature (℃)
(40, 95)
(50, 80)
(60, 27)
100
80
60
40
20
90
Relative Humudity
5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com