Electronic Components Datasheet Search
  English  ▼

X  

0807889 Datasheet(PDF) 3 Page - PHOENIX CONTACT

Part # 0807889
Description  GPE 28X17,5 SR - Engraving material
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

0807889 Datasheet(HTML) 3 Page - PHOENIX CONTACT

  0807889 Datasheet HTML 1Page - PHOENIX CONTACT 0807889 Datasheet HTML 2Page - PHOENIX CONTACT 0807889 Datasheet HTML 3Page - PHOENIX CONTACT 0807889 Datasheet HTML 4Page - PHOENIX CONTACT 0807889 Datasheet HTML 5Page - PHOENIX CONTACT 0807889 Datasheet HTML 6Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Dimensional drawing
Width
28 mm
Height
17.5 mm
Length
17.5 mm
Material strength
0.80 mm
Text field
Text field width
28 mm
Text field height
17.5 mm
Standards and regulations
Wipe resistance
DIN EN 61010-1 (VDE 0411-1)
Notes
General
Can be labeled with CMS
GPE 28X17,5 SR - Engraving material
0807889
https://www.phoenixcontact.com/us/products/0807889
Jun 23, 2025, 4:14AM
Page 3 (6)



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com