Electronic Components Datasheet Search
  English  ▼

X  

0807889 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 0807889
Description  GPE 28X17,5 SR - Engraving material
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

0807889 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  0807889 Datasheet HTML 1Page - PHOENIX CONTACT 0807889 Datasheet HTML 2Page - PHOENIX CONTACT 0807889 Datasheet HTML 3Page - PHOENIX CONTACT 0807889 Datasheet HTML 4Page - PHOENIX CONTACT 0807889 Datasheet HTML 5Page - PHOENIX CONTACT 0807889 Datasheet HTML 6Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Please be informed that the data shown in this PDF document is generated from our online catalog. Please find the complete data in the user
documentation. Our general terms of use for downloads are valid.
Engraving material, Sheet, silver-colored, unlabeled, can be labeled with: PLOTMARK,
ENGRAVING UNIT, CMS-P1-PLOTTER, P1 ENGRAVING UNIT, mounting type: adhesive,
Number of individual labels: 30, text field height: 17.5 mm, text field width: 28 mm
Your advantages
Labeling service: Phoenix Contact can custom-label all GPE ... markers according to your requirements
•
The adhesive foil used ensures good adhesive properties, even on uneven surfaces
•
Two-layer material
•
The label sheet consists of prefabricated, individual self-adhesive labels
•
Can be engraved using the P1 ENGRAVING UNIT
•
Can be labeled easily using the CMS‑P1‑PLOTTER
•
Commercial data
Item number
0807889
Packing unit
10 pc
Minimum order quantity
10 pc
Sales key
BG19
Product key
BG2415
GTIN
4017918173029
Weight per piece (including packing)
19.42 g
Weight per piece (excluding packing)
19.42 g
Customs tariff number
39203000
Country of origin
DE
GPE 28X17,5 SR - Engraving material
0807889
https://www.phoenixcontact.com/us/products/0807889
Jun 23, 2025, 4:14AM
Page 1 (6)


Similar Part No. - 0807889

ManufacturerPart #DatasheetDescription
logo
Bivar, Inc.
0807 BIVAR-0807 Datasheet
710Kb / 5P
SURFACE MOUNT LED SUPER RED/GREEN, 0807 PACKAGE
Revision A 06/09
0807 BIVAR-0807 Datasheet
671Kb / 6P
SURFACE MOUNT LED RED/GREEN/BLUE, 0807 PACKAGE
Revision A 8/21
0807 BIVAR-0807 Datasheet
1Mb / 5P
SURFACE MOUNT LED RED/GREEN, 0807 PACKAGE
Revision C 01/14
0807 BIVAR-0807 Datasheet
731Kb / 5P
SURFACE MOUNT LED RED/GREEN, 0807 PACKAGE
Revision A 06/09
logo
Littelfuse
08070000 LITTELFUSE-08070000 Datasheet
904Kb / 2P
In shape and design the current isolating switches with mechanical ON-OFF position are very similar to the current isolating switches
More results

Similar Description - 0807889

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
0806929 PHOENIX-0806929 Datasheet
67Kb / 3P
Engraving material - GPE 22 X 12 WH
0806932 PHOENIX-0806932 Datasheet
66Kb / 3P
Engraving material - GPE 13x9 WH
0806961 PHOENIX-0806961 Datasheet
67Kb / 3P
Engraving material - GPE 60 X 30 WH
0807009 PHOENIX-0807009 Datasheet
66Kb / 3P
Engraving material - GPE 45X14 SR/R
0815292 PHOENIX-0815292 Datasheet
49Kb / 2P
Engraving material - GPE 60X30 WH/R
5031919 PHOENIX-5031919 Datasheet
130Kb / 11P
Computer Marking System Engraving System CMS-GRAV
5145546 PHOENIX-5145546 Datasheet
105Kb / 7P
Engraving unit - P1 ENGRAVING UNIT
09/12/2020
5145562 PHOENIX-5145562 Datasheet
50Kb / 2P
Accessories - P1 ENGRAVING SPINDLE
09/12/2020
5145575 PHOENIX-5145575 Datasheet
52Kb / 2P
Accessories - P1 ENGRAVING HEAD
09/12/2020
5145711 PHOENIX-5145711 Datasheet
51Kb / 2P
Magazine - CMS-P1-M/GPE ENGRAVING
09/12/2020
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com