Electronic Components Datasheet Search
  English  ▼

X  

TS1935 Datasheet(PDF) 3 Page - Taiwan Semiconductor Company, Ltd

Part # TS1935
Description  1.6MHz Boost Converter with 30V Internal FET Switch
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TS1935 Datasheet(HTML) 3 Page - Taiwan Semiconductor Company, Ltd

  TS1935 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TS1935 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TS1935 Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TS1935 Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TS1935 Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd TS1935 Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd TS1935 Datasheet HTML 7Page - Taiwan Semiconductor Company, Ltd TS1935 Datasheet HTML 8Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
TS1935
1.6MHz Boost Converter
with 30V Internal FET Switch
3/8
Version: A07
Electrical Specifications (Ta = 25 oC, VIN=5V, EN=VIN, IL=0A unless otherwise noted)
Parameter
Symbol
Test Condition
Min
Typ
Max
Unit
Input Voltage
VIN
2.5
--
5.5
V
Feedback Pin Bias Current
IFB
VFB =1.23V
--
60
500
nA
Regulated Feedback Voltage
VFB
VIN =3V
1.205
1.23
1.255
V
FB Voltage Line Regulation
∆VFB /∆VIN 2.7V ≤ VIN ≤ 5.5V
--
0.02
--
%/V
VIN =2.7V
5.4
7
--
VIN =3.3V
8
10
--
RL= 43Ω
VIN =5V
13
17
--
VIN =2.7V
3.75
5
--
VIN =3.3V
5
6.5
--
Minimum Output Voltage Under Load VOUT (MIN)
RL= 43Ω
VIN =5V
8.75
11
--
V
Ta = 25
oC
1.5
1.8
--
Switch Current Limit
ICL
Ta = -40~ +85
oC
1.2
--
--
A
--
0.4
0.6
VIN =5V,
Ta = -40~ +85
oC
--
--
0.7
--
0.5
0.7
Switch ON Resistance
RDSON
VIN =3.3V,
Ta = -40~ +85
oC
--
--
0.8
A
Shutdown Current
ISD
VEN =0V
--
0.1
1
uA
Ta = 25
oC
--
2
--
FB = 1.15V
(Switching)
VIN =5V,
Ta = -40~ +85
oC
--
--
3
mA
Ta = 25
oC
--
400
--
Quiescent Current
IQ
FB = 1.3V
(No Switching)
VIN =5V,
Ta = -40~ +85
oC
--
--
500
uA
EN = 0
--
0
--
EN Pin Bias Current
IEN
EN = 5V
--
0
2
uA
Switching Frequency
fSW
Ta = -40~ +85
oC
1
1.6
1.85
MHz
Switching Leakage Current
ISW
VEN =0V
--
0.1
2
uA
Maximum Duty Cycle
DMAX
Ta = -40~ +85
oC
86
93
--
%
EN Input Threshold (High)
(Shutdown)
VEH
Ta = -40~ +85
oC
--
--
1.4
EN Input Threshold (Low)
(Enable the device)
VEL
Ta = -40~ +85
oC
2
--
--
V



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com