Electronic Components Datasheet Search
  English  ▼

X  

AP8012H Datasheet(PDF) 6 Page - Wuxi Chipown Micro-electronics limited

Part # AP8012H
Description  Low Standby-Power Off-line PWM converters
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHIPOWN [Wuxi Chipown Micro-electronics limited]
Direct Link  https://www.chipown.com.cn/en/index.html
Logo CHIPOWN - Wuxi Chipown Micro-electronics limited

AP8012H Datasheet(HTML) 6 Page - Wuxi Chipown Micro-electronics limited

Back Button AP8012H Datasheet HTML 2Page - Wuxi Chipown Micro-electronics limited AP8012H Datasheet HTML 3Page - Wuxi Chipown Micro-electronics limited AP8012H Datasheet HTML 4Page - Wuxi Chipown Micro-electronics limited AP8012H Datasheet HTML 5Page - Wuxi Chipown Micro-electronics limited AP8012H Datasheet HTML 6Page - Wuxi Chipown Micro-electronics limited AP8012H Datasheet HTML 7Page - Wuxi Chipown Micro-electronics limited AP8012H Datasheet HTML 8Page - Wuxi Chipown Micro-electronics limited AP8012H Datasheet HTML 9Page - Wuxi Chipown Micro-electronics limited AP8012H Datasheet HTML 10Page - Wuxi Chipown Micro-electronics limited  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
AP8012H
13/F, Building C, Wangzhuang Technology Innovation Center, Longshan Road,New District, Wuxi Tel: +86(510)85217718 http://www.chipown.com Rev.A 1801 6 / 10
Functional Description
1. Startup
This device includes a high voltage start up current source connected on the SW of the device. As soon as a voltage
is applied on the input of the converter, this start up current source is activated and to charge the VDD capacitor as
long as VDD is lower than VSTART. When reaching VSTART, the start up current source is cut off and VDD is sourced
by auxiliary side. As VDD falls below VSTOP, the HV-Start circuit won’t work immediately until VDD is lower than
VRST.
Fig 2. Startup circuit
2. Soft-start up
In the process of start up, the current of drain increases to maximum limitation step by step. As a result, it can
reduce the stress of secondary diode greatly and help to prevent the transformer turning into the saturation states.
Typically, the duration of soft-start is 10 ms.
3. Gate driver
The internal power MOSFET in AP8012H is driven by a dedicated gate driver for power switch control. Too weak
the gate driver strength results in higher conduction and switch loss of MOSFET while too strong gate drive results
in worse EMI.
A good tradeoff is achieved through the built-in totem pole gate design with proper output strength and dead time.
The good EMI system design and low idle loss is easier to achieve with this dedicated control scheme.
4. Oscillator
The switching frequency of AP8012H is internally fixed at 45 kHz. No external frequency setting components are
required for PCB design.
The frequency modulation is implemented in AP8012H. So that, it minimizes the conduction band EMI and
therefore eases the system design because the tone energy could be spread out.
5. Feed-back
A feedback pin controls the operation of the device. Unlike conventional PWM control circuits which use a voltage
input, the COMP pin is sensitive to current. Figure 3 presents the internal current mode structure. The Power
MOSFET delivers a sense current which is proportional to the main current. R2 receives this current and the current
coming from the COMP pin. The voltage across R2 (VR2) is then compared to a fixed reference voltage. The
MOSFET is switched off when VR2 equals the reference voltage.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com