Electronic Components Datasheet Search
  English  ▼

X  

AP8012H Datasheet(PDF) 9 Page - Wuxi Chipown Micro-electronics limited

Part # AP8012H
Description  Low Standby-Power Off-line PWM converters
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHIPOWN [Wuxi Chipown Micro-electronics limited]
Direct Link  https://www.chipown.com.cn/en/index.html
Logo CHIPOWN - Wuxi Chipown Micro-electronics limited

AP8012H Datasheet(HTML) 9 Page - Wuxi Chipown Micro-electronics limited

Back Button AP8012H Datasheet HTML 2Page - Wuxi Chipown Micro-electronics limited AP8012H Datasheet HTML 3Page - Wuxi Chipown Micro-electronics limited AP8012H Datasheet HTML 4Page - Wuxi Chipown Micro-electronics limited AP8012H Datasheet HTML 5Page - Wuxi Chipown Micro-electronics limited AP8012H Datasheet HTML 6Page - Wuxi Chipown Micro-electronics limited AP8012H Datasheet HTML 7Page - Wuxi Chipown Micro-electronics limited AP8012H Datasheet HTML 8Page - Wuxi Chipown Micro-electronics limited AP8012H Datasheet HTML 9Page - Wuxi Chipown Micro-electronics limited AP8012H Datasheet HTML 10Page - Wuxi Chipown Micro-electronics limited  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
AP8012H
13/F, Building C, Wangzhuang Technology Innovation Center, Longshan Road,New District, Wuxi Tel: +86(510)85217718 http://www.chipown.com Rev.A 1801 9 / 10
Package Dimensions (SOP-8)
Table 6.
SOP-8 mechanical data
Size
symbol
Min.(mm)
Typ.(mm)
Max.(mm)
Size
symbol
Min.(mm)
Typ.(mm)
Max.(mm)
A
1.35
1.55
1.75
L
0.45
0.60
0.80
A1
0.10
0.15
0.25
L1
1.04REF
A2
1.25
1.40
1.65
L2
0.25BSC
A3
0.50
0.60
0.70
R
0.07
—
—
b
0.38
—
0.51
R1
0.07
—
—
b1
0.37
0.42
0.47
h
0.30
0.40
0.50
c
0.17
—
0.25
θ
0°
—
8°
c1
0.17
0.20
0.23
θ1
15°
17°
19°
D
4.80
4.90
5.00
θ2
11°
13°
15°
E
5.80
6.00
6.20
θ3
15°
17°
19°
E1
3.80
3.90
4.00
θ4
11°
13°
15°
e
1.270(BSC)
Figure 5. Package dimensions
TOP MARK
Package
AP8012H
YWWXXXXX
SOP-8
Note: Y: Year Code; WW: Week Code; XXXXX: Internal Code



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com