Electronic Components Datasheet Search
  English  ▼

X  

WM8994 Datasheet(PDF) 13 Page - Cirrus Logic

Part # WM8994
Description  Multi-channel Audio Hub CODEC for Smartphones
PDF  363 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM8994 Datasheet(HTML) 13 Page - Cirrus Logic

Back Button WM8994 Datasheet HTML 9Page - Cirrus Logic WM8994 Datasheet HTML 10Page - Cirrus Logic WM8994 Datasheet HTML 11Page - Cirrus Logic WM8994 Datasheet HTML 12Page - Cirrus Logic WM8994 Datasheet HTML 13Page - Cirrus Logic WM8994 Datasheet HTML 14Page - Cirrus Logic WM8994 Datasheet HTML 15Page - Cirrus Logic WM8994 Datasheet HTML 16Page - Cirrus Logic WM8994 Datasheet HTML 17Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 363 page
background image
WM8994
Rev 4.6
13
THERMAL PERFORMANCE
Thermal analysis should be performed in the intended application to prevent the WM8994 from
exceeding maximum junction temperature. Several contributing factors affect thermal performance
most notably the physical properties of the mechanical enclosure, location of the device on the PCB in
relation to surrounding components and the number of PCB layers. Connecting the GND balls through
thermal vias and into a large ground plane will aid heat extraction.
Three main heat transfer paths exist to surrounding air as illustrated below in Figure 1:
-
Package top to air (radiation).
-
Package bottom to PCB (radiation).
-
Package balls to PCB (conduction).
W-CSP Package
PCB
Figure 1 Heat Transfer Paths
The temperature rise TR is given by TR = PD * ӨJA
-
PD is the power dissipated in the device.
-
Ө
JA is the thermal resistance from the junction of the die to the ambient temperature
and is therefore a measure of heat transfer from the die to surrounding air.
Ө
JA is
determined with reference to JEDEC standard JESD51-9.
The junction temperature TJ is given by TJ = TA +TR, where TA is the ambient temperature.
PARAMETER
SYMBOL
MIN
TYP
MAX
UNIT
Operating temperature range
TA
-40
85
°C
Operating junction temperature
TJ
-40
125
°C
Thermal Resistance
Ө
JA
48
°C/W
Note:
Junction temperature is a function of ambient temperature and of the device operating conditions. The ambient temperature limits
and junction temperature limits must both be observed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com