Electronic Components Datasheet Search
  English  ▼

X  

WM8994 Datasheet(PDF) 37 Page - Cirrus Logic

Part # WM8994
Description  Multi-channel Audio Hub CODEC for Smartphones
PDF  363 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM8994 Datasheet(HTML) 37 Page - Cirrus Logic

Back Button WM8994 Datasheet HTML 33Page - Cirrus Logic WM8994 Datasheet HTML 34Page - Cirrus Logic WM8994 Datasheet HTML 35Page - Cirrus Logic WM8994 Datasheet HTML 36Page - Cirrus Logic WM8994 Datasheet HTML 37Page - Cirrus Logic WM8994 Datasheet HTML 38Page - Cirrus Logic WM8994 Datasheet HTML 39Page - Cirrus Logic WM8994 Datasheet HTML 40Page - Cirrus Logic WM8994 Datasheet HTML 41Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 363 page
background image
WM8994
Rev 4.6
37
DIGITAL AUDIO INTERFACE - SLAVE MODE
BCLK
(input)
LRCLK
(input)
ADCDAT
(output)
DACDAT
(input)
tDS
tDD
tDH
tLRH
tLRSU
tBCH
tBCL
tBCY
VIH
VIL
VIH
VIL
VOH
VOL
VIH
VIL
Figure 5 Audio Interface Timing - Slave Mode
Note that BCLK and LRCLK inputs can be inverted if required; Figure 5 shows the default, non-
inverted polarity.
Test Conditions
The following timing information is valid across the full range of recommended operating conditions.
PARAMETER
SYMBOL
MIN
TYP
MAX
UNIT
Audio Interface Timing - Slave Mode
BCLK cycle time
tBCY
160
ns
BCLK pulse width high
tBCH
64
ns
BCLK pulse width low
tBCL
64
ns
LRCLK set-up time to BCLK rising edge
tLRSU
10
ns
LRCLK hold time from BCLK rising edge
tLRH
10
ns
DACDAT hold time from BCLK rising edge
tDH
10
ns
ADCDAT propagation delay from BCLK falling edge
tDD
48
ns
DACDAT set-up time to BCLK rising edge
tDS
32
ns
Note that the descriptions above assume non-inverted polarity of BCLK and LRCLK.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com