Electronic Components Datasheet Search
  English  ▼

X  

TS2596S Datasheet(PDF) 3 Page - Taiwan Semiconductor Company, Ltd

Part # TS2596S
Description  2A / 150KHz Buck Dc-Dc Converter
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TS2596S Datasheet(HTML) 3 Page - Taiwan Semiconductor Company, Ltd

  TS2596S Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TS2596S Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TS2596S Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TS2596S Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TS2596S Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd TS2596S Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd TS2596S Datasheet HTML 7Page - Taiwan Semiconductor Company, Ltd TS2596S Datasheet HTML 8Page - Taiwan Semiconductor Company, Ltd TS2596S Datasheet HTML 9Page - Taiwan Semiconductor Company, Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
TS2596S
2A / 150KHz Buck Dc-Dc Converter
3/10
Version: A07
Block Diagram
Typical Application Circuit
1. Adjustable Output Voltage Version
Resistor select for output voltage setting
Vout
R1
R2
4.7K
1.5K
5V
5.6K
1.8K
2.5K
1.5K
3.3V
3.0K
1.8K
2.5V
1.8K
1.8K
1.8V
0.82K
1.8K



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com