Electronic Components Datasheet Search
  English  ▼

X  

TS2596S Datasheet(PDF) 8 Page - Taiwan Semiconductor Company, Ltd

Part # TS2596S
Description  2A / 150KHz Buck Dc-Dc Converter
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TS2596S Datasheet(HTML) 8 Page - Taiwan Semiconductor Company, Ltd

Back Button TS2596S Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TS2596S Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TS2596S Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TS2596S Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd TS2596S Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd TS2596S Datasheet HTML 7Page - Taiwan Semiconductor Company, Ltd TS2596S Datasheet HTML 8Page - Taiwan Semiconductor Company, Ltd TS2596S Datasheet HTML 9Page - Taiwan Semiconductor Company, Ltd TS2596S Datasheet HTML 10Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
TS2596S
2A / 150KHz Buck Dc-Dc Converter
8/10
Version: A07
TO-252-5L Mechanical Drawing
Marking Diagram
Y
= Year Code
M
= Month Code
(A=Jan, B=Feb, C=Mar, D=Apl, E=May, F=Jun, G=Jul, H=Aug, I=Sep,
J=Oct, K=Nov, L=Dec)
L
= Lot Code
XX
= Output Voltage (33=3.3V, 50=5V)
CP5 = Adjustable type
TO-252-5L DIMENSION
MILLIMETERS
INCHES
DIM
MIN
MAX
MIN
MAX.
A
6.350
6.730
0.250
0.265
B
9.080
10.440
0.357
0.411
C
0.460
0.640
0.018
0.025
D
1.27BSC
0.05BSC
E
2.19
2.380
0.086
0.094
F
0.460
0.570
0.018
0.022
G
1.400
1.780
0.055
0.070
H
0.460
0.570
0.018
0.022
I
5.34
5.550
0.210
0.219
J
1.520
2.030
0.060
0.080



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com