Electronic Components Datasheet Search
  English  ▼

X  

ES9016K2M Datasheet(PDF) 19 Page - ESS Technology,Inc

Part # ES9016K2M
Description  Ultra 32-bit Stereo Low Power Audio DAC
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ESS [ESS Technology,Inc]
Direct Link  http://www.esstech.com
Logo ESS - ESS Technology,Inc

ES9016K2M Datasheet(HTML) 19 Page - ESS Technology,Inc

Back Button ES9016K2M Datasheet HTML 15Page - ESS Technology,Inc ES9016K2M Datasheet HTML 16Page - ESS Technology,Inc ES9016K2M Datasheet HTML 17Page - ESS Technology,Inc ES9016K2M Datasheet HTML 18Page - ESS Technology,Inc ES9016K2M Datasheet HTML 19Page - ESS Technology,Inc ES9016K2M Datasheet HTML 20Page - ESS Technology,Inc ES9016K2M Datasheet HTML 21Page - ESS Technology,Inc ES9016K2M Datasheet HTML 22Page - ESS Technology,Inc ES9016K2M Datasheet HTML 23Page - ESS Technology,Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 38 page
background image
March 26, 2021
3.2
ES9016K2M Datasheet
19
ESS TECHNOLOGY, INC. 109 Bonaventura Drive, San Jose, CA 95134, USA Tel (408) 643-
8800 • www.esstech.com
Register #14: Soft Start Settings
8 bit, Read-Write Register, Default = 0x8A
Bits
[7]
[6]
[5]
[4]
[3]
[2]
[1]
[0]
Mnemonic
soft_start
soft_start_on_lock
mute_on_lock
soft_start_time
Default
1
0
0
0
1
0
1
0
Bit
Mnemonic
Description
[7]
soft_start
1'b0: Ramp the output stream to ground
1'b1: Normal operation (default) - ramp the output stream to ½ x AVCC_L/R
[6]
soft_start_on_lock
1'b0: Do not force output low when lock is lost (default)
1’b1: Force output low when lock is lost
[5]
mute_on_lock
1’b0: Do not force a mute when lock is lost (default)
1’b1: Force a mute when lock is lost
[4:0]
soft_start_time
Time for soft start ramp
= 4096 x 2(soft_start_time+1) / MCLK seconds (where MCLK is measured in Hz).
The valid range of soft-start_time is from 0 to 20.
Register #15: Volume 1 (usually selected for the Left Channel, but can be reversed using Register #11)
8 bit, Read-Write Register, Default = 0x00
Bits
[7]
[6]
[5]
[4]
[3]
[2]
[1]
[0]
Mnemonic
volume1
Default
0
0
0
0
0
0
0
0
Bit
Mnemonic
Description
[7:0]
volume1
Default to 8'd0
0dB to
–127.5dB in 0.5dB steps
Register #16: Volume 2 (usually selected for the Right Channel, but can be reversed using Register #11)
8 bit, Read-Write Register, Default = 0x00
Bits
[7]
[6]
[5]
[4]
[3]
[2]
[1]
[0]
Mnemonic
volume2
Default
0
0
0
0
0
0
0
0
Bit
Mnemonic
Description
[7:0]
volume2
Default to 8'd0
0dB to
–127.5dB in 0.5dB steps
Register #20-17: Master Trim
32 bit, Read-Write Register, Default =
32’h7ffffff. Reg 20 are the MSB’s, Reg 17 are the LSB’s.
Bits
[31:0]
Mnemonic
master_trim
Default
32'h7fffffff
This is a 32 bit value that sets the 0dB level for all volume controls. This is a signed number, so it should never exceed
32'h7fffffff (which is 231 - 1).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com