Electronic Components Datasheet Search
  English  ▼

X  

ES9016K2M Datasheet(PDF) 37 Page - ESS Technology,Inc

Part # ES9016K2M
Description  Ultra 32-bit Stereo Low Power Audio DAC
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ESS [ESS Technology,Inc]
Direct Link  http://www.esstech.com
Logo ESS - ESS Technology,Inc

ES9016K2M Datasheet(HTML) 37 Page - ESS Technology,Inc

Back Button ES9016K2M Datasheet HTML 30Page - ESS Technology,Inc ES9016K2M Datasheet HTML 31Page - ESS Technology,Inc ES9016K2M Datasheet HTML 32Page - ESS Technology,Inc ES9016K2M Datasheet HTML 33Page - ESS Technology,Inc ES9016K2M Datasheet HTML 34Page - ESS Technology,Inc ES9016K2M Datasheet HTML 35Page - ESS Technology,Inc ES9016K2M Datasheet HTML 36Page - ESS Technology,Inc ES9016K2M Datasheet HTML 37Page - ESS Technology,Inc ES9016K2M Datasheet HTML 38Page - ESS Technology,Inc  
Zoom Inzoom in Zoom Outzoom out
 37 / 38 page
background image
March 26, 2021
3.2
ES9016K2M Datasheet
37
ESS TECHNOLOGY, INC. 109 Bonaventura Drive, San Jose, CA 95134, USA Tel (408) 643-
8800 • www.esstech.com
ORDERING INFORMATION
Part Number
Description
Package
ES9016K2M
Sabre32® Ultra 32-bit Low Power Stereo Audio DAC
28-pin QFN
The letter K identifies the package type QFN.
Revision History
Rev.
Date
Notes
1.1
March 19, 2014
Update MCLK requirement
1.2
April 15, 2014
Update sync_mode requirement
1.3
May 28, 2014
Update DSD L/R pin assignment. Add THD compensation registers.
Update mechanical drawing and add land pattern. Update migration notes
1.4
June 5, 2014
Added SABRE SOUNDTM trademark
1.5
July 28, 2014
Updated ESS
’ FAX number. Added medical usage legal disclaimer
1.6
August 28, 2014
Added conditions when an external DVDD regulator is required
1.7
September 8, 2014
Corrected typo on Register#7 Bit [6:5], 3’dX changed to 2’dX.
Identified Left and Right channels for Registers #15 and #16 respectively.
Updated DAC output impedance from 781.25
 to 806
1.8
September 24, 2014
Added “8 bit, Read-Write Register, Default = 0x00” heading on Register #21.
Corrected part number on revision marking diagram, page 3.
Removed reference to Right Justified data format that is not supported
1.9
October 16, 2014
Added table to Register #65 description.
2.0
January 8, 2015
Added details on decoupling required for the DVDD core supply.
Deleted old revision history from 0.1 to 0.91.
2.1
April 10, 2015
Added notes on the connection of reserved Bits in the device control
registers.
Added SABRE HiFi logo. Updated ESS’ address and phone number.
2.2
June 10, 2015
Increased typical value of AVCC_L plus AVCC_R from 3mA to 8mA
2.3
December 2, 2016
Correct Recommended Operating Conditions table formatting.
2.4
January 24, 2017
Corrected THD compensation description and Recommended Operating
Conditions table formatting.
2.5
January 31, 2017
Remove references to Revision W silicon, clarify I2C address description.
2.6
February 14, 2017
Added description for Registers #2, #3 and #9. Register #65 labeled as
GPIO Status. Added register map. Adjusted page number references as
needed.
2.7
November 14, 2018
Added Low Power Audio DAC description, removed Advanced Information
2.8
March 13, 2019
Removed ESR capacitor requirement for DVDD. Updated SABRE®, SABRE
SOUND® and Sabre32®
2.9
December 30, 2019
Corrected SDA setup time from SCL rising units from
“µs” to “ns”.
3.0
April 27. 2020
Updated analog performance
3.1
January 7, 2021
Updated I/V converter filter circuit
3.2
March 26, 2021
Updated Register #9 default value



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com