Electronic Components Datasheet Search
  English  ▼

X  

TS39100 Datasheet(PDF) 3 Page - Taiwan Semiconductor Company, Ltd

Part # TS39100
Description  1A Ultra Low Dropout Voltage Regulator with Multi-Function
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TS39100 Datasheet(HTML) 3 Page - Taiwan Semiconductor Company, Ltd

  TS39100 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TS39100 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TS39100 Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TS39100 Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TS39100 Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd TS39100 Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd TS39100 Datasheet HTML 7Page - Taiwan Semiconductor Company, Ltd TS39100 Datasheet HTML 8Page - Taiwan Semiconductor Company, Ltd TS39100 Datasheet HTML 9Page - Taiwan Semiconductor Company, Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
TS39100/1/2/3/4/5
1A Ultra Low Dropout Voltage Regulator
with Multi-Function
3/13
Version: B07
Electrical Characteristics (continues)
Reference (TS39102 / 3/ 4)
Reference Voltage
0.980|Vo|
1.020|Vo|
Reference Voltage
(Note 7)
0.970|Vo|
1.24
1.030|Vo|
V
Adjust Pin Bias Current
--
40
120
nA
Reference Voltage Temp. Coefficient
(Note 8)
--
20
--
ppm/
oC
Adjust Pin Bias Current Temp. Coefficient
--
0.1
--
nA/
oC
Flag Output (TS39101/3)
Output Leakage Current
VOH=16V
--
--
2
uA
Output Low Voltage (Note 9)
VIN=0.9 * VOUT, IOL=250uA
--
--
400
mV
Upper Threshold Voltage
% of VOUT
--
--
99
%
Lower Threshold Voltage
% of VOUT
93
--
--
%
Hysteresis
--
1
--
%
Enable Input (TS39101 / 2 / 3 / 4 / 5)
Low (OFF)
--
--
0.8
Input Logic Voltage
High (ON)
2.25
--
--
V
VEN =2.25V
--
--
75
Enable Pin Input Current
VEN =0.8V
--
--
4
uA
Thermal Performance
Condition
Package type
Typ
Unit
SOT-223
15
SOP-8
20
Thermal Resistance
Junction to Case
TO-252 / TO-252-5L
10
oC/W
Note 1: Absolute Maximum Rating is limits beyond which damage to the device may occur. For guaranteed
specifications and test conditions see the Electrical Characteristics.
Note 2: The device is not guaranteed to operate outside its operating rating.
Note 3: Devices are ESD sensitive. Handling precautions recommended.
Note 4: The maximum allowable power dissipation is a function of the maximum junction temperature, TJ, the junction
to ambient thermal resistance, ӨJA, and the ambient temperature, Ta. Exceeding the maximum allowable
power dissipation will cause excessive die temperature, and the regulator will go into thermal shutdown. The
effective value of ӨJA can be reduced by using a heat sink, Pd(max) = (TJ(max) – Ta) / ӨJA.
Note 5: Dropout voltage is defined as the input to output differential at which the output voltage drops -1% below its
nominal value measured at 1V differential.
Note 6: Ground pin current is the regulator quiescent current. The total current drawn from the source is the sum of
the ground pin current and output load current, IGND = IIN - IOUT for fix output voltage, , IGND = IIN - IOUT +10mA
for fix reference output voltage in full load regulation.
Note 7: VREF ≤ VOUT ≤ (VIN – 1V), 2.25V ≤ VIN ≤ 16V, 10mA ≤ IL ≤ 1.0A.
Note 8: Output voltage temperature coefficient is ΔVOUT (worse cast) / (TJ(max) – TJ(MIN)) where is TJ(max) +125
oC and
TJ(MIN) is 0
oC.
Note 9: For adjustable device and fixed device with VOUT > 2.25V.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com