Electronic Components Datasheet Search
  English  ▼

X  

TS39100 Datasheet(PDF) 5 Page - Taiwan Semiconductor Company, Ltd

Part # TS39100
Description  1A Ultra Low Dropout Voltage Regulator with Multi-Function
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TS39100 Datasheet(HTML) 5 Page - Taiwan Semiconductor Company, Ltd

  TS39100 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TS39100 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TS39100 Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TS39100 Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TS39100 Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd TS39100 Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd TS39100 Datasheet HTML 7Page - Taiwan Semiconductor Company, Ltd TS39100 Datasheet HTML 8Page - Taiwan Semiconductor Company, Ltd TS39100 Datasheet HTML 9Page - Taiwan Semiconductor Company, Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
TS39100/1/2/3/4/5
1A Ultra Low Dropout Voltage Regulator
with Multi-Function
5/13
Version: B07
Application Information
The TS39100/1/2/3/4/5 are high performance with low dropout voltage regulator suitable for moderate to high current
and voltage regulator application. Its 630mV dropout voltage at full load and over temperature makes it especially
valuable in battery power systems and as high efficiency noise filters in post regulator applications. Unlike normal NPN
transistor design, where the base to emitter voltage drop and collector to emitter saturation voltage limit the minimum
dropout voltage, dropout performance of the PNP output of these devices is limited only by low VCE saturation voltage.
The TS39100/1/2/3/4/5 is fully protected from damage due to fault conditions. Linear current limiting is provided.
Output current during overload conditions is constant. Thermal shutdown the device when the die temperature
exceeds the maximum safe operating temperature. Transient protection allows device survival even when the input
voltage spikes above and below nominal. The output structure of these regulators allows voltages in excess of the
desired output voltage to be applied without reverse current flow.
Output Capacitor Requirement
The TS39100/1/2/3/4/5 requires an output capacitor to maintain stability and improve transient response is necessary.
The value of this capacitor is dependent upon the output current, lower currents allow smaller capacitors.
TS39100/1/2/3/4/5 output capacitor selection is dependent upon the ESR of the output capacitor to maintain stability.
When the output capacitor is 10uF or greater, the output capacitor should have an ESR less than 2Ω. This will improve
transient response as well as promote stability. Ultra low ESR capacitors (<100mΩ), such as ceramic chip capacitors,
may promote instability. These very low ESR levels may cause an oscillation and/or under damped transient response.
A low ESR solid tantalum capacitor works extremely well and provides good transient response and stability over
temperature aluminum electrolytes can also be used, as long as the ESR of the capacitor is <2Ω. The value of the
output capacitor can be increased without limit. Higher capacitance values help to improve transient response and
ripple rejection and reduce output noise.
Input Capacitor Requirement
An input capacitor of 1uF or greater is recommended when the device is more than 4” away from the bulk AC supply
capacitance or when the supply is a battery. Small, surface mount, ceramic chip capacitors can be used for bypassing.
Larger values will help to improve ripple rejection by bypassing the input to the regulator, further improving the integrity
of the output voltage.
Minimum Load Current
The TS39100/1/2/3/4/5 is specified between finite loads. If the output current is too small leakage currents dominate
and the output voltage rises. A 10mA minimum load current is necessary for proper regulation.
Adjustable Regulator Design
The adjustable regulator versions (TS39102/3/4) is allow to programming the output voltage anywhere between 1.25
and the 16V maximum operating rating of the family.
Two resistors are used. Resistors can be quite large up to 1MΩ, because of the very high input impedance and low
bias current of the sense comparator, the resistor values are calculated by:
Where VOUT is the desired output voltage. Above application circuit shows component definition. Applications with
widely varying load currents may scale the resistors to draw the minimum load current required for proper operation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com