Electronic Components Datasheet Search
  English  ▼

X  

STTH1L06A Datasheet(PDF) 8 Page - STMicroelectronics

Part # STTH1L06A
Description  3-phase inverter based on STSPIN32F0251
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STTH1L06A Datasheet(HTML) 8 Page - STMicroelectronics

Back Button STTH1L06A Datasheet HTML 4Page - STMicroelectronics STTH1L06A Datasheet HTML 5Page - STMicroelectronics STTH1L06A Datasheet HTML 6Page - STMicroelectronics STTH1L06A Datasheet HTML 7Page - STMicroelectronics STTH1L06A Datasheet HTML 8Page - STMicroelectronics STTH1L06A Datasheet HTML 9Page - STMicroelectronics STTH1L06A Datasheet HTML 10Page - STMicroelectronics STTH1L06A Datasheet HTML 11Page - STMicroelectronics STTH1L06A Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 21 page
background image
EVSPIN32F0251S1
Bill of material
Bill of material
Table 1 Bill of Materials - Components common to all device variants
Reference
Part Value
Description
Package
Manufacturer
Part Number
C1, C19, C20,
C21, C23, C30,
C35, C41, C43,
C47, C53, C55,
C56, C62, C63,
C64, C65
s_
Wurth Elektronik
885012206071
C2.C72
220nF/25V
SMT ceramic capacitor
Size 0603
Wurth Elektronik
885012206073
C3, C12, C26,
C7°
1uF/50V
SMT ceramic capacitor
Size 0805
Wurth Elektronik
885012207103
04,07,013,
C17, C25, C32,
C33, C40, C74
N.M.
SMT ceramic capacitor
Size 0603
C6, C15, C29
4.7pF/50V
SMT ceramic capacitor
Size 0603
Wurth Elektronik
885012006049
C8
N.M.
Film capacitor
4x13 mm,
Pitch 10 mm
Wurth Elektronik
890334023006
C9
100nF/250V
SMT ceramic capacitor
Size 1210
TDK
CGA6M3X7R2E104M2
00AE
C10,C11, C59,
C60
10pF/50V
SMT ceramic capacitor
Size 0603
Wurth Elektronik
885012006051
C16
4.7nF/25V
SMT ceramic capacitor
Size 0603
Wurth Elektronik
885012206063
C18.C80
47nF/25V
SMT ceramic capacitor
Size 0603
Wurth Elektronik
885012206069
C22.C36, C42
1 nF/25V
SMT ceramic capacitor
Size 0603
Wurth Elektronik
885012206059
C24
4.7uF/10V
SMT ceramic capacitor
Size 0805
Wurth Elektronik
885012207025
C27
33pF/25V
SMT ceramic capacitor
Size 0603
Wurth Elektronik
885012006035
C34
3.3nF/25V
SMT ceramic capacitor
Size 0603
Wurth Elektronik
885012206062
C37.C38, C39
10pF/10V
SMT ceramic capacitor
Size 0603
Wurth Elektronik
885012006002
C45
22uF/25V
SMT aluminum elect,
capacitor
5x5.4 mm
Wurth Elektronik
865090442004
C48
10uF/10V
SMT ceramic capacitor
Size 1206
Wurth Elektronik
885012208018
C54.C58
1uF/10V
SMT ceramic capacitor
Size 0603
Wurth Elektronik
885012206026
C57
10nF/25V
SMT ceramic capacitor
Size 0603
Wurth Elektronik
885012206065
C61
100nF/50V
SMT ceramic capacitor
Size 0603
Wurth Elektronik
885012206095
C69A
N.M.
THT electrolytic capacitor
Radial p7.5
d18h25
Rubycon
450BXW68MEFC18X2
5
C69
270uF/250V
THT electrolytic capacitor
Radial p10
d22h27
Nichicon
LGN2E271MELZ25
C71
100nF/50V
SMT ceramic capacitor
Size 0805
Wurth Elektronik
885012207098
C73
1nF/10V
SMT ceramic capacitor
Size 0603
Wurth Elektronik
885012206008
C75
47uF/20V
Low ESR series of robust
Mn02 solid electrolyte
capacitors
D/E
AVX
TPS Series or
equivalent
C76
1nF/50V
SMT ceramic capacitor
Size 0603
Wurth Elektronik
885012206083
C77.C78, C79
100pF
SMT ceramic capacitor
Size 0603
DB3976 - Rev 1
page 8/21



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com