Electronic Components Datasheet Search
  English  ▼

X  

STTH1L06A Datasheet(PDF) 1 Page - STMicroelectronics

Part # STTH1L06A
Description  3-phase inverter based on STSPIN32F0251
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STTH1L06A Datasheet(HTML) 1 Page - STMicroelectronics

  STTH1L06A Datasheet HTML 1Page - STMicroelectronics STTH1L06A Datasheet HTML 2Page - STMicroelectronics STTH1L06A Datasheet HTML 3Page - STMicroelectronics STTH1L06A Datasheet HTML 4Page - STMicroelectronics STTH1L06A Datasheet HTML 5Page - STMicroelectronics STTH1L06A Datasheet HTML 6Page - STMicroelectronics STTH1L06A Datasheet HTML 7Page - STMicroelectronics STTH1L06A Datasheet HTML 8Page - STMicroelectronics STTH1L06A Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 21 page
background image
life.augmented
EVSPIN32F0251S1
Data brief
3-phase inverter based on STSPIN32F0251
Features
Input voltage 什om 20 V to 120 V DC/AC
STD17NF25 MOSFETs power stage featuring:
-
V
DS = 250 V
-
Ros(on)max.= 0.165 Q
Overcurrent threshold set to 16 A
peak
Dual footprint for IGBT/MOSFET package:
DPAK
-
PowerFlat 6x5
Single-shunt current sensing, suitable for:
-
Sensored or sensorless 6 steps algorithm
-
Single-shunt vector (FOC) algorithm
Smart shutdown overcurrent protection
Digital Hall sensors and encoder input
Bus voltage sensing
15 V VCC and 3.3 V VDD supplies
Embedded ST-LINK/V2-1
Easy user interface with buttons and trimmer
RoHS compliant
Product status link
EVSPIN32F0251S1
Application
Battery operated and 110 Vac supplied power and garden tools
Industrial fans and pumps
Home appliances
Industrial and home automation
Description
The EVSPIN32F0251S1 board is a 3-phase complete inverter based on the
STSPIN32F0251 controller, which embeds a 3-phase 250 V gate driver and a
Cortex®-M0 STM32 MCU. The power stage features STD17NF25 MOSFETs, but
can be populated with any IGBT or Power MOSFET in DPAK or powerFLAT 6x5
package.
The board has a single-shunt sensing topology, and both the field-oriented control
(FOC) and sensored or sensorless 6-step control can be implemented. This allows
driving permanent magnet synchronous motors (PMSMs) and brushless DC (BLDC)
motors.
The evaluation board is compatible with a wide range input voltage from 20 V to 120
V DC/AC, and includes a power supply stage with the VIPER013BLS in buck
configuration to generate +15 V and +3.3 V supply voltage required by the
application.
DB3976 - Rev 1 - October 2019
For further information contact your local STMicroelectronics sales office.
www.st.com


Similar Part No. - STTH1L06A

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STTH1L06A STMICROELECTRONICS-STTH1L06A Datasheet
81Kb / 8P
TURBO 2 ULTRAFAST HIGH VOLTAGE RECTIFIER
Jul-2002
STTH1L06A STMICROELECTRONICS-STTH1L06A Datasheet
116Kb / 9P
Turbo 2 ultrafast high voltage rectifier
30-Sep-2009
More results

Similar Description - STTH1L06A

ManufacturerPart #DatasheetDescription
logo
Semikron International
SKIIP25AC125V10 SEMIKRON-SKIIP25AC125V10 Datasheet
1Mb / 2P
3-phase bridge inverter
SK15GD126ET SEMIKRON-SK15GD126ET_06 Datasheet
719Kb / 4P
3-phase bridge inverter
SK25GD126ET SEMIKRON-SK25GD126ET_06 Datasheet
696Kb / 4P
3-phase bridge inverter
SK25GD065ET SEMIKRON-SK25GD065ET_06 Datasheet
686Kb / 4P
3-phase bridge inverter
SK35GD065ET SEMIKRON-SK35GD065ET_07 Datasheet
658Kb / 4P
3-phase bridge inverter
SKIIP15AC066V1 SEMIKRON-SKIIP15AC066V1 Datasheet
951Kb / 2P
3-phase bridge inverter
logo
STMicroelectronics
STEVAL-IHM021V2 STMICROELECTRONICS-STEVAL-IHM021V2 Datasheet
176Kb / 5P
100 W, 3-phase inverter based on the L6390 and UltraFASTmesh??MOSFET for speed FOC of 3-phase PMSM motor drives
10-Nov-2011
STEVAL-IHM045V1 STMICROELECTRONICS-STEVAL-IHM045V1 Datasheet
353Kb / 7P
3-phase high voltage inverter power board for FOC based on the STGIPN3H60A (SLLIMM™ nano)
May 2014 Rev 1
logo
Semikron International
IGD-1-424-P1N4-DL-FA SEMIKRON-IGD-1-424-P1N4-DL-FA Datasheet
409Kb / 6P
3-phase inverter
logo
STMicroelectronics
EVSPIN32F06Q1S1 STMICROELECTRONICS-EVSPIN32F06Q1S1 Datasheet
4Mb / 22P
3-phase inverter based on STSPIN32F0601
January 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com