Electronic Components Datasheet Search
  English  ▼

X  

DS8921 Datasheet(PDF) 3 Page - Texas Instruments

Part # DS8921
Description  DS8921x Differential Line Driver and Receiver Pair
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DS8921 Datasheet(HTML) 3 Page - Texas Instruments

  DS8921 Datasheet HTML 1Page - Texas Instruments DS8921 Datasheet HTML 2Page - Texas Instruments DS8921 Datasheet HTML 3Page - Texas Instruments DS8921 Datasheet HTML 4Page - Texas Instruments DS8921 Datasheet HTML 5Page - Texas Instruments DS8921 Datasheet HTML 6Page - Texas Instruments DS8921 Datasheet HTML 7Page - Texas Instruments DS8921 Datasheet HTML 8Page - Texas Instruments DS8921 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 22 page
background image
DS8921, DS8921A, DS8921AT
www.ti.com
SNLS374D – MAY 1998 – REVISED JANUARY 2015
5 Pin Configuration and Functions
D, P Package
8 Pins
Top View
Pin Functions
PIN
I/O
DESCRIPTION
NAME
NO.
DIFFERENTIAL SIGNALING I/O
DI
3
I
TTL/CMOS Compatible Driver Input
DO+, DO–
6, 5
O
Inverting and non-inverting differential driver outputs
RI+, RI–
8, 7
I
Inverting and non-inverting differential receiver inputs
RO
2
O
Receiver Output Pin
POWER
GND
4
Power
Ground Pin
VCC
1
Power
Supply pin, provide 5-V supply
6 Specifications
6.1 Absolute Maximum Ratings
(1) (2)
MIN
MAX
UNIT
Supply Voltage
7
V
Driver Input Voltage
−0.5
7
V
Output Voltage
5.5
V
Receiver Output Sink Current
50
mA
Receiver Input Voltage
–10
10
V
Differential Input Voltage
–12
12
V
Maximum Package Power Dissipation at 25°C: D Package
730
mW
Maximum Package Power Dissipation at 25°C: P Package
1160
mW
Derate D Package, above 25°C
9.3
mW/°C
Derate P Package, above 25°C
5.8
mW/°C
Lead Temperature
260
°C
(Soldering, 4 sec.)
260
°C
Maximum Junction Temperature
150
°C
Storage Temperature, Tstg
−65
165
°C
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings
only, which do not imply functional operation of the device at these or any other conditions beyond those indicated under Recommended
Operating Conditions. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
If Military/Aerospace specified devices are required, please contact the Texas Instrument Sales Office/ Distributors for availability and
specifications.
Copyright © 1998–2015, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: DS8921 DS8921A DS8921AT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com