Electronic Components Datasheet Search
  English  ▼

X  

DS8921 Datasheet(PDF) 8 Page - Texas Instruments

Part # DS8921
Description  DS8921x Differential Line Driver and Receiver Pair
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DS8921 Datasheet(HTML) 8 Page - Texas Instruments

Back Button DS8921 Datasheet HTML 4Page - Texas Instruments DS8921 Datasheet HTML 5Page - Texas Instruments DS8921 Datasheet HTML 6Page - Texas Instruments DS8921 Datasheet HTML 7Page - Texas Instruments DS8921 Datasheet HTML 8Page - Texas Instruments DS8921 Datasheet HTML 9Page - Texas Instruments DS8921 Datasheet HTML 10Page - Texas Instruments DS8921 Datasheet HTML 11Page - Texas Instruments DS8921 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 22 page
background image
VCC
GND
0.1 µF
5.0 V
RI+
RI-
RO
DO+
DO-
DI
DS8921, DS8921A, DS8921AT
SNLS374D – MAY 1998 – REVISED JANUARY 2015
www.ti.com
8 Detailed Description
8.1 Overview
The DS8921x devices are each a differential line driver and receiver pair in a single package. The devices are
designed specifically for ST506, ST412, and ESDI disk drive standards, as well as RS-422 interface applications.
The DS8921 and DS8921A are rated at a commercial temperature range of 0°C to 70°C, whereas the
DS8921AT is rated at an extended temperature range of -40°C to +85°C.
8.2 Functional Block Diagram
8.3 Feature Description
The DS8921x devices each contain a differential driver and receiver.
The driver converts a TTL or CMOS input to complementary outputs that provide differential drive to a twisted-
pair or parallel wire transmission line. The receiver converts the differential signals at its input pins to a TTL
output. The receiver offers an input sensitivity of ±200 mV and supports a common-mode input voltage of ±7 V.
8.4 Device Functional Modes
Table 1. Function Table
RECEIVER
DRIVER
INPUT
OUTPUT
INPUT
OUTPUT
RI+, RI-
RO
DI
DO+
DO-
VID
(1) ≥ V
TH (MAX)
1
1
1
0
VID
(1) ≤ V
TH (MIN)
0
0
0
1
Open
1
(1)
VID is the input differential voltage between RI+ and RI–.
8
Submit Documentation Feedback
Copyright © 1998–2015, Texas Instruments Incorporated
Product Folder Links: DS8921 DS8921A DS8921AT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com