Electronic Components Datasheet Search
  English  ▼

X  

INA156 Datasheet(PDF) 2 Page - Texas Instruments

Part # INA156
Description  Single-Supply, Rail-to-Rail Output, CMOS INSTRUMENTATION AMPLIFIER
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

INA156 Datasheet(HTML) 2 Page - Texas Instruments

  INA156 Datasheet HTML 1Page - Texas Instruments INA156 Datasheet HTML 2Page - Texas Instruments INA156 Datasheet HTML 3Page - Texas Instruments INA156 Datasheet HTML 4Page - Texas Instruments INA156 Datasheet HTML 5Page - Texas Instruments INA156 Datasheet HTML 6Page - Texas Instruments INA156 Datasheet HTML 7Page - Texas Instruments INA156 Datasheet HTML 8Page - Texas Instruments INA156 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
2
®
INA156
SPECIFICATIONS: VS = +2.7V to +5.5V
Boldface limits apply over the specified temperature range, TA = –55°C to +125°C
At TA = +25°C, RL = 10kΩ connected to VS/2. RG pins open (G = 10), and Ref = VS /2, unless otherwise noted.
INA156E, A
PARAMETER
CONDITION
MIN
TYP
MAX
UNITS
INPUT
Offset Voltage, RTI
VOS
VS = +5.0V, VCM = VS/2
±2.5
±8mV
Over Temperature
±9
mV
Drift
dVOS/dT
±5
µV/°C
vs Power Supply
PSRR
VS = +2.7V to +6V, VCM = 0.2 • VS
±50
±200
µV/V
Over Temperature
±250
µV/V
vs Time
±0.4
µV/mo
INPUT VOLTAGE RANGE
Safe Input Voltage
(V–) – 0.5
(V+) + 0.5
V
Common-Mode Range(1)
VCM
VS = 5.5V
0.3
5.2(2)
V
VS = 2.7V
0.2
2.5(2)
V
Common-Mode Rejection Ratio
CMRR
VS = 5.5V, 0.6V < VCM < 3.7V, G = 10
66
78
dB
Over Temperature
65
dB
VS = 5.5V, 0.6V < VCM < 3.7V, G = 50
74
87
dB
Over Temperature
73
dB
INPUT IMPEDANCE
Differential
1013 || 3
Ω || pF
Common-Mode
1013 || 3
Ω || pF
INPUT BIAS CURRENT
Input Bias Current
IB
±1
±10
pA
Offset Current
IOS
±1
±10
pA
NOISE, RTI
RS = 0Ω, G = 10 or 50
Voltage Noise: f = 0.1Hz to 10Hz
4.5
µV/Vp-p
Voltage Noise Density: f = 10Hz
260
nV/
√Hz
f = 100Hz
99
nV/
√Hz
f = 1kHz
40
nV/
√Hz
Current Noise: f = 1kHz
2
fA/
√Hz
GAIN
10
50
V/V
Gain Equation
G = 10 + 400k
Ω/(10kΩ + R
G)
V/V
Gain Error(3)
VS = 5.5V, VO = 0.02V to 5.48V, G = 10
±0.08
±0.4
%
vs Temperature
±2
±10
ppm/
°C
VS = 5.5V, VO = 0.05V to 5.45V, G = 50
±0.1
±0.8
%
vs Temperature
±15
±30
ppm/
°C
Nonlinearity
VS = 5.5V, G = 10 or 50
±0.005
±0.015
% of FSR
Over Temperature
±0.015
% of FSR
OUTPUT
Voltage Output Swing from Rail
G = 10, RL = 10kΩ, GERR < 0.4%
5
20
mV
Over Temperature
20
mV
Short-Circuit Current
Short-Circuit to Ground
±50
mA
Capacitance Load (stable operation)
See Typical Curve
FREQUENCY RESPONSE
Bandwidth, –3dB
BW
G = 10
550
kHz
G = 50
110
kHz
Slew Rate
SR
VS = 5.5V, CL = 100pF
6.5
V/
µs
Settling Time: 0.1%
tS
VS = 5.5V, VO = 2V Step, CL = 100pF, G = 10
5
µs
VS = 5.5V, VO = 2V Step, CL = 100pF, G = 50
11
µs
0.01%
VS = 5.5V, VO = 2V Step, CL = 100pF, G = 10
8
µs
VS = 5.5V, VO = 2V Step, CL = 100pF, G = 50
15
µs
Overload Recovery
50% Input Overload
0.2
µs
Total Harmonic Distortion + Noise
THD+N
See Typical Curve
POWER SUPPLY
Specified Voltage Range
+2.7
+5.5
V
Operating Voltage Range
+2.5 to +6
V
Quiescent Current
VIN = 0, IO = 0
1.8
2.5
mA
Over Temperature
VIN = 0, IO = 0
3.2
mA
TEMPERATURE RANGE
Specified Range
–55
+125
°C
Operating Range
–65
+150
°C
Storage Range
–65
+150
°C
Thermal Resistance
θ
JA
MSOP-8 Surface Mount
150
°C/W
SO-8 Surface Mount
150
°C/W
NOTES: (1) For further information, refer to typical performance curves on common-mode input range. (2) Operation beyond (V+) – 1.8V (max) results in reduced common-mode
rejection. See discussion and Figure 6 in the text of this data sheet. (3) Does not include error and TCR of additional optional gain-setting resistor in series with RG, if used.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com