Electronic Components Datasheet Search
  English  ▼

X  

INA156 Datasheet(PDF) 8 Page - Texas Instruments

Part # INA156
Description  Single-Supply, Rail-to-Rail Output, CMOS INSTRUMENTATION AMPLIFIER
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

INA156 Datasheet(HTML) 8 Page - Texas Instruments

Back Button INA156 Datasheet HTML 4Page - Texas Instruments INA156 Datasheet HTML 5Page - Texas Instruments INA156 Datasheet HTML 6Page - Texas Instruments INA156 Datasheet HTML 7Page - Texas Instruments INA156 Datasheet HTML 8Page - Texas Instruments INA156 Datasheet HTML 9Page - Texas Instruments INA156 Datasheet HTML 10Page - Texas Instruments INA156 Datasheet HTML 11Page - Texas Instruments INA156 Datasheet HTML 12Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
8
®
INA156
APPLICATIONS INFORMATION
Figure 1 shows the basic connections required for operation
of the INA156. Applications with noisy or high impedance
power supplies may require decoupling capacitors close to
the device pins, as shown.
The output is referred to the output reference terminal, Ref,
which is normally set to VS/2. This must be a low-imped-
ance connection to ensure good common-mode rejection.
In addition, for the G = 50 configuration, the connection
between pins 1 and 8 must be low-impedance. A connection
impedance of 20
Ω can cause a 0.2% shift in gain error.
OPERATING VOLTAGE
The INA156 is fully specified and guaranteed over the supply
range +2.7V to +5.5V, with key parameters guaranteed over
the temperature range of –55
°C to +125°C. Parameters that
vary significantly with operating voltages, load conditions or
temperature are shown in the Typical Performance Curves.
The INA156 can be operated from either single or dual
power supplies. By adjusting the voltage applied to the
reference terminal, the input common-mode voltage range
and the output range can be adjusted within the bounds
shown in the Typical Performance Curves. Figure 2 shows
a bridge amplifier circuit operated from a single +5V power
supply. The bridge provides a relatively small differential
voltage on top of an input common-mode voltage near 2.5V.
FIGURE 1. Basic Connections.
FIGURE 2. Single-Supply Bridge Amplifier.
Ref
22.2k
Ω
200k
Ω
5k
Ω
Gain Pins Open:
G = 10
External Resistor R
G:
10 < G < 50
Gain Pins Connected:
G = 50
5k
Ω
200k
Ω
22.2k
Ω
4
3
2
5
7
18
V–
0.1
µF
Single Supply
Also drawn in simplified form:
Dual Supply
INA156
INA156
6
1
3
8
2
V
OUT
6
7
4
5
Ref
0.1
µF
V+
V+
V–
DESIRED GAIN
R
G
(V/V)
(
Ω)
10
Open
20
30k
30
10k
40
3.3k
50
Short
G = 10 +
400k
Ω
10k
Ω + R
G
V
IN
–
V
IN
+
A1
A2
V
IN
+
V
IN
–
V
OUT = (VIN – VIN) • G + VREF
+–
Bridge
Sensor
INA156
V
REF
(1)
+5V
3
2
4
5
7
6
V
OUT = 0.01V to 4.99V
(2)
NOTES: (1) V
REF should be adjusted for the desired output level,
keeping in mind that the value of V
REF affects the common-mode
input range. See Typical Performance Curves. (2) For best
performance, the common-mode input voltage should be kept away
from the transition range of (V+) – 1.8V to (V+) – 0.8V.
1
8
V
IN
+
V
IN
–



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com