Electronic Components Datasheet Search
  English  ▼

X  

INA2134MDREP Datasheet(PDF) 7 Page - Texas Instruments

Part # INA2134MDREP
Description  AUDIO DIFFERENTIAL LINE RECEIVER 0dB (G = 1)
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

INA2134MDREP Datasheet(HTML) 7 Page - Texas Instruments

Back Button INA2134MDREP Datasheet HTML 3Page - Texas Instruments INA2134MDREP Datasheet HTML 4Page - Texas Instruments INA2134MDREP Datasheet HTML 5Page - Texas Instruments INA2134MDREP Datasheet HTML 6Page - Texas Instruments INA2134MDREP Datasheet HTML 7Page - Texas Instruments INA2134MDREP Datasheet HTML 8Page - Texas Instruments INA2134MDREP Datasheet HTML 9Page - Texas Instruments INA2134MDREP Datasheet HTML 10Page - Texas Instruments INA2134MDREP Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 19 page
background image
SHORT-CIRCUIT CURRENT vs TEMPERATURE
Temperature (°C)
–75
–50
–25
0
25
50
75
100
125
80
60
40
20
0
–20
–40
–60
–80
+I
SC
–I
SC
QUIESCENT CURRENT vs TEMPERATURE
Temperature (°C)
–75
–50
–25
0
25
50
75
100
125
4
3
2
1
0
SLEW RATE vs TEMPERATURE
Temperature (°C)
–75
–50
–25
0
25
50
75
100
+SR
125
16
14
12
10
8
–SR
QUIESCENT CURRENT vs SUPPLY VOLTAGE
Supply Voltage (V)
±4
±6
±8
±10
±12
±14
±16
±18
3
2
1
0
OFFSET VOLTAGE
PRODUCTION DISTRIBUTION
Offset Voltage (µV)
25
20
15
10
5
0
Typical Production
Distribution of
Packaged Units.
INA2134-EP
www.ti.com
SBOS595C – MARCH 2012 – REVISED MARCH 2012
TYPICAL CHARACTERISTICS (continued)
At TA = 25°C, VS = ±18 V (unless otherwise noted).
Copyright © 2012, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Link(s): INA2134-EP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com