Electronic Components Datasheet Search
  English  ▼

X  

INA2134MDREP Datasheet(PDF) 1 Page - Texas Instruments

Part # INA2134MDREP
Description  AUDIO DIFFERENTIAL LINE RECEIVER 0dB (G = 1)
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

INA2134MDREP Datasheet(HTML) 1 Page - Texas Instruments

  INA2134MDREP Datasheet HTML 1Page - Texas Instruments INA2134MDREP Datasheet HTML 2Page - Texas Instruments INA2134MDREP Datasheet HTML 3Page - Texas Instruments INA2134MDREP Datasheet HTML 4Page - Texas Instruments INA2134MDREP Datasheet HTML 5Page - Texas Instruments INA2134MDREP Datasheet HTML 6Page - Texas Instruments INA2134MDREP Datasheet HTML 7Page - Texas Instruments INA2134MDREP Datasheet HTML 8Page - Texas Instruments INA2134MDREP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
NC
–In A
+In A
V–
+In B
–In B
NC
Ref A
Out A
Sense A
V+
Sense B
Out B
Ref B
NC = No Connection
1
2
3
4
5
6
7
14
13
12
11
10
9
8
A
B
D PACKAGE
(TOP VIEW)
INA2134-EP
www.ti.com
SBOS595C – MARCH 2012 – REVISED MARCH 2012
AUDIO DIFFERENTIAL LINE RECEIVER 0dB (G = 1)
Check for Samples: INA2134-EP
1
FEATURES
•
Single and Dual Versions
SUPPORTS DEFENSE, AEROSPACE,
AND MEDICAL APPLICATIONS
•
Low Distortion: 0.0005% at f = 1 kHz
•
Controlled Baseline
•
High Slew Rate: 14 V/ms
•
One Assembly/Test Site
•
Fast Settling Time: 3 ms to 0.01%
•
One Fabrication Site
•
Wide Supply Range: ±4 V to ±18 V
•
Available in Military (–55°C/125°C)
•
Low Quiescent Current: 3.1 mA max
Temperature Range(1)
•
High CMRR: 90 dB
•
Extended Product Life Cycle
•
Fixed Gain = 0 dB (1V/V)
•
Extended Product-Change Notification
•
Dual 14-Pin SOIC Package
•
Product Traceability
APPLICATIONS
•
Audio Differential Line Receiver
•
Summing Amplifier
•
Unity-Gain Inverting Amplifier
•
Psuedoground Generator
•
Instrumentation Building Block
•
Current Shunt Monitor
•
Voltage-Controlled Current Source
•
Ground Loop Eliminator
(1)
Additional temperature ranges available - contact factory
DESCRIPTION
The INA2134 is a differential line receiver consisting of high performance op amps with onchip precision
resistors. The device is fully specified for high performance audio applications and has excellent ac
specifications, including low distortion (0.0005% at 1 kHz) and high slew rate (14 V/ms), assuring good dynamic
response. In addition, wide output voltage swing and high output drive capability allow use in a wide variety of
demanding applications. The dual version features completely independent circuitry for lowest crosstalk and
freedom from interaction, even when overdriven or overloaded.
The INA2134 on-chip resistors are laser trimmed for accurate gain and optimum common-mode rejection.
Furthermore, excellent TCR tracking of the resistors maintains gain accuracy and common-mode rejection over
temperature. Operation is guaranteed from ±4 V to ±18 V (8-V to 36-V total supply).
The INA2134 comes in a 14-pin SOIC surface-mount package and is specified for operation over the military
temperature range, –55°C to 125°C.
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCTION DATA information is current as of publication date.
Copyright © 2012, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - INA2134MDREP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
INA2134MDREP TI1-INA2134MDREP Datasheet
620Kb / 18P
AUDIO DIFFERENTIAL LINE RECEIVER 0dB (G = 1)
More results

Similar Description - INA2134MDREP

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
INA134 BURR-BROWN-INA134 Datasheet
260Kb / 9P
AUDIO DIFFERENTIAL LINE RECEIVERS 0dB G = 1
INA137 BURR-BROWN-INA137 Datasheet
251Kb / 9P
AUDIO DIFFERENTIAL LINE RECEIVERS 짹6dB G = 1/2 or 2
logo
Elantec Semiconductor
EL2142C ELANTEC-EL2142C Datasheet
163Kb / 8P
Differential Line Receiver
logo
Intersil Corporation
EL2142 INTERSIL-EL2142 Datasheet
274Kb / 6P
Differential Line Receiver
February 11, 2005
logo
Integral Corp.
IL34C86 INTEGRAL-IL34C86 Datasheet
129Kb / 5P
Differential line receiver.
logo
Burr-Brown (TI)
INA134 BURR-BROWN-INA134_06 Datasheet
203Kb / 12P
AUDIO DIFFERENTIAL LINE RECEIVERS 0dB (G=1)
INA137 BURR-BROWN-INA137_07 Datasheet
254Kb / 12P
AUDIO DIFFERENTIAL LINE RECEIVERS 짹6dB (G= 1/2 or 2)
logo
IK Semicon Co., Ltd
IL34C86 IKSEMICON-IL34C86 Datasheet
144Kb / 6P
Differential line receiver
logo
Texas Instruments
INA2134-EP TI1-INA2134-EP Datasheet
620Kb / 18P
AUDIO DIFFERENTIAL LINE RECEIVER 0dB (G = 1)
logo
Renesas Technology Corp
EL2142 RENESAS-EL2142 Datasheet
454Kb / 6P
Differential Line Receiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com