Electronic Components Datasheet Search
  English  ▼

X  

TS7900 Datasheet(PDF) 4 Page - Taiwan Semiconductor Company, Ltd

Part # TS7900
Description  3-Terminal Fixed Negative Voltage Regulator
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TS7900 Datasheet(HTML) 4 Page - Taiwan Semiconductor Company, Ltd

  TS7900 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TS7900 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TS7900 Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TS7900 Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TS7900 Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd TS7900 Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd TS7900 Datasheet HTML 7Page - Taiwan Semiconductor Company, Ltd TS7900 Datasheet HTML 8Page - Taiwan Semiconductor Company, Ltd TS7900 Datasheet HTML 9Page - Taiwan Semiconductor Company, Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
TS7900 Series
3-Terminal Fixed Negative Voltage Regulator
4/11
Version: A07
TS7912 Electrical Characteristics
(Vin= -19V, Iout=500mA, 0
oC≤Tj≤125oC, Cin=0.33uF, Cout=0.1uF; unless otherwise specified.)
Parameter
Symbol
Test Condition
Min
Typ
Max
Unit
Tj=25
oC
-11.53
-12
-12.48
Output Voltage
Vout
-14.5V≤Vin≤-27V, 10mA≤Iout≤1A,
PD ≤15W
-11.42
-12
-12.60
V
-14.5V≤Vin≤-30V
--
10
240
Line Regulation
REGline
Tj=25
oC
-15V≤Vin≤-19V
--
3
120
10mA≤Iout≤1A
--
12
240
Load Regulation
REGload
Tj=25
oC
250mA≤Iout≤750mA
--
4
120
mV
Quiescent Current
Iq
Tj=25
oC, Iout=0
--
4.3
8
-14.5V≤Vin≤-30V
--
--
1
Quiescent Current Change
ΔIq
10mA≤Iout≤1A
--
--
0.5
mA
Output Noise Voltage
Vn
10Hz≤f≤100KHz, Tj=25
oC
--
75
--
uV
Ripple Rejection Ratio
RR
f=120Hz, -15V≤Vin≤-25V
55
70
--
dB
Voltage Drop
Vdrop
Iout=1A, Tj=25
oC
--
2
--
V
Output Short Circuit Current
Ios
Tj=25
oC
--
350
--
mA
Peak Output Current
Io peak
Tj=25
oC
--
2.1
--
A
Temperature Coefficient of
Output Voltage
ΔVout/ ΔTj
Iout=10mA, 0
oC≤Tj≤125oC
--
-1
--
mV/
oC
TS7915 Electrical Characteristics
Vin= -23V, Iout=500mA, 0
oC≤Tj≤125oC, Cin=0.33uF, Cout=0.1uF; unless otherwise specified.)
Parameter
Symbol
Test Condition
Min
Typ
Max
Unit
Tj=25
oC
-14.42
-15
-15.60
Output voltage
Vout
-17.5V≤Vin≤-30V, 10mA≤Iout≤1A,
PD ≤15W
-14.28
-15
-15.75
V
-17.5V≤Vin≤-30V
--
12
300
Line Regulation
REGline
Tj=25
oC
-18V≤Vin≤-22V
--
3
150
10mA≤Iout≤1A
--
12
300
Load Regulation
REGload
Tj=25
oC
250mA≤Iout≤750mA
--
4
150
mV
Quiescent Current
Iq
Tj=25
oC, Iout=0
--
4.3
8
-17.5V≤Vin≤-30V
--
--
1
Quiescent Current Change
ΔIq
10mA≤Iout≤1A
--
--
0.5
mA
Output Noise Voltage
Vn
10Hz≤f≤100KHz, Tj=25
oC
--
90
--
µV
Ripple Rejection Ratio
RR
f=120Hz, -18V≤Vin≤-28V
54
69
--
dB
Voltage Drop
Vdrop
Iout=1A, Tj=25
oC
--
2
--
V
Output Short Circuit Current
Ios
Tj=25
oC
--
230
--
mA
Peak Output Current
Io peak
Tj=25
oC
--
2.1
--
A
Temperature Coefficient of
Output Voltage
ΔVout/ ΔTj
Iout=10mA, 0
oC≤Tj≤125oC
--
-1
--
mV/
oC
Pulse testing techniques are used to maintain the junction temperature as close to the ambient temperature as
possible, and thermal effects must be taken into account separately.
This specification applies only for DC power dissipation permitted by absolute maximum ratings.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com