Electronic Components Datasheet Search
  English  ▼

X  

TS7900 Datasheet(PDF) 5 Page - Taiwan Semiconductor Company, Ltd

Part # TS7900
Description  3-Terminal Fixed Negative Voltage Regulator
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TS7900 Datasheet(HTML) 5 Page - Taiwan Semiconductor Company, Ltd

  TS7900 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TS7900 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TS7900 Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TS7900 Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TS7900 Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd TS7900 Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd TS7900 Datasheet HTML 7Page - Taiwan Semiconductor Company, Ltd TS7900 Datasheet HTML 8Page - Taiwan Semiconductor Company, Ltd TS7900 Datasheet HTML 9Page - Taiwan Semiconductor Company, Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
TS7900 Series
3-Terminal Fixed Negative Voltage Regulator
5/11
Version: A07
TS7918 Electrical Characteristics
Vin= -24V, Iout=500mA, 0
oC≤Tj≤125oC, Cin=0.33uF, Cout=0.1uF; unless otherwise specified.)
Parameter
Symbol
Test Condition
Min
Typ
Max
Unit
Tj=25
oC
-17.30
-18
-18.72
Output voltage
Vout
-21V≤Vin≤-33V, 10mA≤Iout≤1A,
PD ≤15W
-17.14
-18
-18.90
V
-21V≤Vin≤-33V
--
15
360
Line Regulation
REGline
Tj=25
oC
-22V≤Vin≤-26V
--
5
180
10mA≤Iout≤1A
--
12
360
Load Regulation
REGload
Tj=25
oC
250mA≤Iout≤750mA
--
4
180
mV
Quiescent Current
Iq
Iout=0, Tj=25
oC
--
4.5
8
-21V≤Vin≤-33V
--
--
1
Quiescent Current Change
ΔIq
10mA≤Iout≤1A
--
--
0.5
mA
Output Noise Voltage
Vn
10Hz≤f≤100KHz, Tj=25
oC
--
110
--
µV
Ripple Rejection Ratio
RR
f=120Hz, -21V≤Vin≤-31V
53
68
--
dB
Voltage Drop
Vdrop
Iout=1A, Tj=25
oC
--
2
--
V
Output Short Circuit Current
Ios
Tj=25
oC
--
200
--
mA
Peak Output Current
Io peak
Tj=25
oC
--
2.1
--
A
Temperature Coefficient of
Output Voltage
ΔVout/ ΔTj
Iout=10mA, 0
oC≤Tj≤125oC
--
-1
--
mV/
oC
TS7924 Electrical Characteristics
Vin= -33V, Iout=500mA, 0
oC ≤Tj≤125oC, Cin=0.33uF, Cout=0.1uF; unless otherwise specified.)
Parameter
Symbol
Test Condition
Min
Typ
Max
Unit
Tj=25
oC
-23.07
-24
-24.96
Output voltage
Vout
-27V≤Vin≤-38V, 10mA≤Iout≤1A,
PD ≤15W
-22.85
-24
-25.20
V
-27V≤Vin≤-38V
--
18
480
Line Regulation
REGline
Tj=25
oC
-28V≤Vin≤-32V
--
6
240
10mA≤Iout≤1A
--
12
480
Load Regulation
REGload
Tj=25
oC
250mA≤Iout≤750mA
--
4
240
mV
Quiescent Current
Iq
Iout=0, Tj=25
oC
--
4.6
8
-27V≤Vin≤-38V
--
--
1
Quiescent Current Change
ΔIq
10mA≤Iout≤1A
--
--
0.5
mA
Output Noise Voltage
Vn
10Hz≤f≤100KHz, Tj=25
oC
--
170
--
µV
Ripple Rejection Ratio
RR
f=120Hz, -27V≤Vin≤-37V
50
65
--
dB
Voltage Drop
Vdrop
Iout=1A, Tj=25
oC
--
2
--
V
Output Short Circuit Current
Ios
Tj=25
oC
--
150
--
mA
Peak Output Current
Io peak
Tj=25
oC
--
2.1
--
A
Temperature Coefficient of
Output Voltage
ΔVout/ ΔTj
Iout=10mA, 0
oC≤Tj≤125oC
--
-1
--
mV/
oC
Pulse testing techniques are used to maintain the junction temperature as close to the ambient temperature as
possible, and thermal effects must be taken into account separately.
This specification applies only for DC power dissipation permitted by absolute maximum ratings.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com