Electronic Components Datasheet Search
  English  ▼

X  

INA143UA/2K5 Datasheet(PDF) 2 Page - Texas Instruments

Part # INA143UA/2K5
Description  High-Speed, Precision, G = 10 or G = 0.1 DIFFERENCE AMPLIFIERS
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

INA143UA/2K5 Datasheet(HTML) 2 Page - Texas Instruments

  INA143UA/2K5 Datasheet HTML 1Page - Texas Instruments INA143UA/2K5 Datasheet HTML 2Page - Texas Instruments INA143UA/2K5 Datasheet HTML 3Page - Texas Instruments INA143UA/2K5 Datasheet HTML 4Page - Texas Instruments INA143UA/2K5 Datasheet HTML 5Page - Texas Instruments INA143UA/2K5 Datasheet HTML 6Page - Texas Instruments INA143UA/2K5 Datasheet HTML 7Page - Texas Instruments INA143UA/2K5 Datasheet HTML 8Page - Texas Instruments INA143UA/2K5 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 22 page
background image
2
®
INA143, INA2143
INA143U
INA143UA
INA2143U
INA2143UA
SPECIFICATIONS: VS = ±15V
At TA = +25°C, VS = ±15V, G = 10, RL = 10kΩ connected to ground, and reference pin connected to ground, unless otherwise noted.
The information provided herein is believed to be reliable; however, BURR-BROWN assumes no responsibility for inaccuracies or omissions. BURR-BROWN assumes
no responsibility for the use of this information, and all use of such information shall be entirely at the user’s own risk. Prices and specifications are subject to change
without notice. No patent rights or licenses to any of the circuits described herein are implied or granted to any third party. BURR-BROWN does not authorize or warrant
any BURR-BROWN product for use in life support devices and/or systems.
PARAMETER
CONDITIONS
MIN
TYP
MAX
MIN
TYP
MAX
UNITS
OFFSET VOLTAGE(1)
RTI
Initial(1)
VCM = 0V
±100
±250
T
±500
µV
vs Temperature
±1
±3
See Typical Curve
µV/°C
vs Power Supply
VS = ±2.25V to ±18V
±5
±20
T
±30
µV/V
vs Time
0.2
T
µV/√mo
Channel Separation (dual)
dc
140
dB
INPUT IMPEDANCE(3)
Differential
20
T
k
Ω
Common-Mode
55
T
k
Ω
INPUT VOLTAGE RANGE
RTI
Common-Mode Voltage Range
Positive
VO = 0V
1.1[(V+)– 1.5] 1.1[(V+) –1]
TT
V
Negative
VO = 0V
1.1[(V–) +1.5] 1.1[(V–) + 1]
TT
V
Common-Mode Rejection Ratio
VCM = –14.85V to 14.85V, RS = 0Ω
86
96
80
T
dB
OUTPUT VOLTAGE NOISE(3)
RTI
f = 0.1Hz to 10Hz
1
T
µVp-p
f = 10Hz
45
T
nV/
√Hz
f = 100Hz
30
T
nV/
√Hz
f = 1kHz
27
T
nV/
√Hz
GAIN
Initial
10
T
V/V
Error
VO = –14V to +13.5V
±0.01
±0.05
T
±0.1
%
vs Temperature
±1
±10
TT
ppm/
°C
Nonlinearity
VO = –14V to +13.5V
±0.0001
±0.001
T
±0.002
% of FS
OUTPUT
Voltage Output
Gain Error < 0.1%
Positive
RL = 10kΩ to Ground
(V+) –1.5
(V+) –1.3
TT
V
Negative
RL = 10kΩ to Ground
(V–) +1
(V–) +0.8
TT
V
Positive
RL = 100kΩ to Ground
(V+) –0.8
T
V
Negative
RL = 100kΩ to Ground
(V–) +0.3
T
V
Current Limit
Continuous-to-Common
–25, +32
T
mA
Capacitive Load (stable operation)
1000
T
pF
FREQUENCY RESPONSE
Small-Signal Bandwidth
–3dB
0.15
T
MHz
Slew Rate
5
T
V/
µs
Settling Time: 0.1%
VO = 10V Step, CL = 100pF
6
T
µs
0.01%
VO = 10V Step, CL = 100pF
9
T
µs
Overload Recovery Time
50% Overdrive
6
T
µs
POWER SUPPLY
Rated Voltage
±15
T
V
Operating Voltage Range
Dual Supplies
±2.25
±18
TT
V
Single Supply
+4.5
+36
TT
V
Quiescent Current (per amplifier)
IO = 0
±0.95
±1.2
TT
mA
TEMPERATURE RANGE
Specification
–40
+85
TT
°C
Operation
–55
+125
TT
°C
Storage
–55
+125
TT
°C
Thermal Resistance
θ
JA
SO-8 Surface Mount
150
T
°C/W
SO-14 Surface Mount
100
T
°C/W
T Specifications the same as INA143U, INA2143U.
NOTES: (1) Includes the effects of amplifier’s input bias and offset currents. (2) Internal resistors are ratio matched but have
±20% absolute value. (3) Includes
effects of amplifier’s input current noise and thermal noise contribution of resistor network.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com