Electronic Components Datasheet Search
  English  ▼

X  

INA143UA/2K5 Datasheet(PDF) 7 Page - Texas Instruments

Part # INA143UA/2K5
Description  High-Speed, Precision, G = 10 or G = 0.1 DIFFERENCE AMPLIFIERS
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

INA143UA/2K5 Datasheet(HTML) 7 Page - Texas Instruments

Back Button INA143UA/2K5 Datasheet HTML 3Page - Texas Instruments INA143UA/2K5 Datasheet HTML 4Page - Texas Instruments INA143UA/2K5 Datasheet HTML 5Page - Texas Instruments INA143UA/2K5 Datasheet HTML 6Page - Texas Instruments INA143UA/2K5 Datasheet HTML 7Page - Texas Instruments INA143UA/2K5 Datasheet HTML 8Page - Texas Instruments INA143UA/2K5 Datasheet HTML 9Page - Texas Instruments INA143UA/2K5 Datasheet HTML 10Page - Texas Instruments INA143UA/2K5 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 22 page
background image
7
®
INA143, INA2143
TYPICAL PERFORMANCE CURVES (CONT)
At TA = +25°C, VS = ±15V, G = 10, RL = 10kΩ connected to ground, and reference pin connected to ground, unless otherwise noted.
OFFSET VOLTAGE PRODUCTION DISTRIBUTION
V
S = ±15V
Offset Voltage (
µV)
30
25
20
15
10
5
0
Typical production
distribution of
packaged units.
Singles and duals
included.
OFFSET VOLTAGE PRODUCTION DISTRIBUTION
V
S = ±5V
Offset Voltage (
µV)
20
18
16
14
12
10
8
6
4
2
0
Typical production
distribution of
packaged units.
Singles and duals
included.
OFFSET VOLTAGE DRIFT
PRODUCTION DISTRIBUTION
V
S = ±15V
Offset Voltage Drift (
µV/°C)
60
50
40
30
20
10
0
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
5
5.5
6
Typical production
distribution of
packaged units.
Singles and duals
included.
OFFSET VOLTAGE DRIFT
PRODUCTION DISTRIBUTION
V
S = ±5V
Offset Voltage Drift (
µV/°C)
60
50
40
30
20
10
0
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
5
5.5
6
Typical production
distribution of
packaged units.
Singles and duals
included.
SETTLING TIME vs CAPACITIVE LOAD
Capacitive Load (pF)
20
15
10
5
0
0
500
1000
1500
0.01%, V
S = ±15V
0.01%, V
S = ±15V
G = 10
G = 0.1
0.1%, V
S = ±15V
0.01%, V
S = ±5V
CHANNEL SEPARATION vs FREQUENCY
Frequency (Hz)
150
140
130
120
110
100
1k
10k
100k
INA2143



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com