Electronic Components Datasheet Search
  English  ▼

X  

INA322EA/250 Datasheet(PDF) 3 Page - Texas Instruments

Part # INA322EA/250
Description  microPower, Single-Supply, CMOS INSTRUMENTATION AMPLIFIER
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

INA322EA/250 Datasheet(HTML) 3 Page - Texas Instruments

  INA322EA/250 Datasheet HTML 1Page - Texas Instruments INA322EA/250 Datasheet HTML 2Page - Texas Instruments INA322EA/250 Datasheet HTML 3Page - Texas Instruments INA322EA/250 Datasheet HTML 4Page - Texas Instruments INA322EA/250 Datasheet HTML 5Page - Texas Instruments INA322EA/250 Datasheet HTML 6Page - Texas Instruments INA322EA/250 Datasheet HTML 7Page - Texas Instruments INA322EA/250 Datasheet HTML 8Page - Texas Instruments INA322EA/250 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
INA322
3
SBOS174B
ELECTRICAL CHARACTERISTICS: VS = +2.7V TO +5.5V
BOLDFACE limits apply over the specified temperature range, TA = –55°C TO +125°C
At TA = +25°C, RL = 25kΩ, G = 25, and IA common = VS /2, unless otherwise noted.
INA322EA
INA2322EA
PARAMETER
CONDITION
MIN
TYP
MAX
UNITS
INPUT
Input Offset Voltage, RTI
VS = +5V
±2
±10
mV
Over Temperature
VOS
±11
mV
vs Temperature
dVOS/dT
±7
µV/°C
vs Power Supply
PSRR
VS = +2.7V to +5.5V
±50
±250
µV/V
Over Temperature
±260
µV/V
Long-Term Stability
±0.4
µV/month
Input Impedance
1013 || 3
Ω || pF
Input Common-Mode Range
VS = 2.7V
0.35
1.5
V
VS = 5V
0.55
3.8
V
Common-Mode Rejection
CMRR
VS = 5V, VCM = 0.55V to 3.8V
60
73
dB
Over Temperature
VS = 5V, VCM = 0.55V to 3.8V
60
dB
VS = 2.7V, VCM = 0.35V to 1.5V
73
dB
Crosstalk, Dual
110
dB
INPUT BIAS CURRENT
Bias Current
IB
±0.5
±10
pA
Offset Current
IOS
±0.5
±10
pA
NOISE, RTI
en
RS = 0Ω
Voltage Noise: f = 10Hz
500
nV/
√Hz
f = 100Hz
190
nV/
√Hz
f = 1kHz
100
nV/
√Hz
f = 0.1Hz to 10Hz
20
µVp-p
Current Noise: f = 1kHz
3fA/
√Hz
GAIN(1)
Gain Equation, Externally Set
G > 5
G = 5 + 5(R2/R1)
Range of Gain
5
1000
V/V
Gain Error
±0.07
±0.4
%
vs Temperature
G = 5
±2
±10
ppm/
°C
Nonlinearity
G = 25, VS = 5V, VO = 0.05 to 4.95
±0.001
±0.010
% of FS
Over Temperature
±0.002
±0.015
% of FS
OUTPUT
Output Voltage Swing from Rail(2, 5)
G
≥ 10
50
25
mV
Over Temperature
50
mV
Capacitance Load Drive
See Typical Characteristic(3)
pF
Short-Circuit Current
ISC–
8
ISC+
16
mA
FREQUENCY RESPONSE
Bandwidth, –3dB
BW
G = 5
500
kHz
Slew Rate
SR
VS = 5V, G = 25
0.4
V/
µs
Settling Time, 0.1%
tS
G = 5, CL = 50pF, VO = 2V step
8
µs
0.01%
12
µs
Overload Recovery
50% Input Overload G = 25
2
µs
POWER SUPPLY
Specified Voltage Range
+2.7
+5.5
V
Operating Voltage Range
+2.5 to +5.5
V
Quiescent Current per Channel
IQ
VSD > 2.5(4)
40
60
µA
Over Temperature
70
µA
Shutdown Quiescent Current/Chan
ISD
VSD < 0.8(4)
0.01
1
µA
TEMPERATURE RANGE
Specified Range
–55
+125
°C
Operating/Storage Range
–65
+150
°C
Thermal Resistance
θ
JA
MSOP-8, TSSOP-14 Surface Mount
150
°C/W
NOTES: (1) Does not include errors from external gain setting resistors (2) Output voltage swings are measured between the output and power-supply rails. Output
swings and rail only if G
≥ 10. (3) See typical characteristic Percent Overshoot vs Load Capacitance. (4) See typical characteristic Shutdown Voltage vs Supply
Voltage. (5) Output does not swing to positive rail if gain is less than 10.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com