Electronic Components Datasheet Search
  English  ▼

X  

INA322EA/250 Datasheet(PDF) 1 Page - Texas Instruments

Part # INA322EA/250
Description  microPower, Single-Supply, CMOS INSTRUMENTATION AMPLIFIER
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

INA322EA/250 Datasheet(HTML) 1 Page - Texas Instruments

  INA322EA/250 Datasheet HTML 1Page - Texas Instruments INA322EA/250 Datasheet HTML 2Page - Texas Instruments INA322EA/250 Datasheet HTML 3Page - Texas Instruments INA322EA/250 Datasheet HTML 4Page - Texas Instruments INA322EA/250 Datasheet HTML 5Page - Texas Instruments INA322EA/250 Datasheet HTML 6Page - Texas Instruments INA322EA/250 Datasheet HTML 7Page - Texas Instruments INA322EA/250 Datasheet HTML 8Page - Texas Instruments INA322EA/250 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
FEATURES
q LOW COST
q LOW QUIESCENT CURRENT: 40
µA/channel
Shut Down: < 1
µA
q HIGH GAIN ACCURACY: G = 5, 0.07%, 2ppm/
°C
q GAIN SET WITH EXTERNAL RESISTORS
q LOW BIAS CURRENT: 10pA
q BANDWIDTH: 500kHz, G = 5V/V
q RAIL-TO-RAIL OUTPUT SWING: (V+) – 0.02V
q WIDE TEMPERATURE RANGE:
–55
°C to +125°C
q SINGLE VERSION IN MSOP-8 PACKAGE AND
DUAL VERSION IN TSSOP-14 PACKAGE
microPower, Single-Supply, CMOS
INSTRUMENTATION AMPLIFIER
DESCRIPTION
The INA322 family is a series of low cost, rail-to-rail output,
micropower CMOS instrumentation amplifiers that offer wide-
range, single-supply, as well as bipolar-supply operation.
The INA322 family provides low-cost, low-noise amplification
of differential signals with micropower current consumption of
40
µA. When shutdown the INA322 has a quiescent current
of less than 1
µA. Returning to normal operations within
microseconds, the shutdown feature makes the INA322
optimal for low-power battery or multiplexing applications.
APPLICATIONS
q INDUSTRIAL SENSOR AMPLIFIERS:
Bridge, RTD, Thermistor, Position
q PHYSIOLOGICAL AMPLIFIERS:
ECG, EEG, EMG
q A/D CONVERTER SIGNAL CONDITIONING
q DIFFERENTIAL LINE RECEIVERS WITH GAIN
q FIELD UTILITY METERS
q PCMCIA CARDS
q COMMUNICATION SYSTEMS
q TEST EQUIPMENT
q AUTOMOTIVE INSTRUMENTATION
®
INA322
Configured internally for 5V/V gain, the INA322 offers excep-
tional flexibility with user-programmable external gain resis-
tors. The INA322 reduces common-mode error over fre-
quency and with CMRR remaining high up to 3kHz, line noise
and line harmonics are rejected.
The low-power design does not compromise on bandwidth or
slew rate, making the INA322 ideal for driving sampling Ana-
log-to-Digital (A/D) converters as well as general-purpose
applications. With high precision, low cost, and small packag-
ing, the INA322 outperforms discrete designs, while offering
reliability and performance.
A2
A1
A3
160k
Ω
REF
VIN–
VIN+
40k
Ω
40k
Ω
Shutdown
V+
VOUT
VOUT = (VIN+ – VIN–) • Gain
Gain = 5 + 5(R2/R1)
V–
R2
R1
RG
160k
Ω
INA322
INA2322
SBOS174B – DECEMBER 2000 – REVISED FEBRUARY 2006
www.ti.com
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
Copyright © 2000-2006, Texas Instruments Incorporated
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
All trademarks are the property of their respective owners.


Similar Part No. - INA322EA/250

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
INA322EA/250 BURR-BROWN-INA322EA/250 Datasheet
303Kb / 10P
microPower, Single-Supply, CMOS INSTRUMENTATION AMPLIFIER
logo
Texas Instruments
INA322EA/250 TI1-INA322EA/250 Datasheet
815Kb / 22P
INSTRUMENTATION AMPLIFIER
INA322EA/250G4 TI1-INA322EA/250G4 Datasheet
815Kb / 22P
INSTRUMENTATION AMPLIFIER
More results

Similar Description - INA322EA/250

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD627 AD-AD627 Datasheet
545Kb / 16P
Micropower, Single and Dual Supply Rail-to-Rail Instrumentation Amplifier
REV.A
logo
Burr-Brown (TI)
INA122 BURR-BROWN-INA122 Datasheet
223Kb / 9P
Single Supply, MicroPower INSTRUMENTATION AMPLIFIER
logo
Texas Instruments
INA321 TI-INA321 Datasheet
325Kb / 18P
microPower, Single-Supply, CMOS Instrumentation Amplifier
logo
Burr-Brown (TI)
INA322 BURR-BROWN-INA322 Datasheet
303Kb / 10P
microPower, Single-Supply, CMOS INSTRUMENTATION AMPLIFIER
logo
Analog Devices
AD627 AD-AD627_07 Datasheet
1Mb / 24P
Micropower, Single- and Dual-Supply, Rail-to-Rail Instrumentation Amplifier
REV. D
logo
Burr-Brown (TI)
INA321 BURR-BROWN-INA321 Datasheet
500Kb / 21P
microPower, Single-Supply, CMOS Instrumentation Amplifier
INA122 BURR-BROWN-INA122_13 Datasheet
750Kb / 14P
Single Supply, MicroPower INSTRUMENTATION AMPLIFIER
logo
Texas Instruments
INA322EA TI-INA322EA Datasheet
767Kb / 21P
microPower, Single-Supply, CMOS NTATION AMPLIFIER
logo
Linear Technology
LT1101 LINER-LT1101_15 Datasheet
243Kb / 16P
Precision, Micropower, Single Supply Instrumentation Amplifier
logo
Analog Devices
AD627 AD-AD627_16 Datasheet
977Kb / 25P
Micropower, Single- and Dual-Supply, Rail-to-Rail Instrumentation Amplifier
Rev. E
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com