Electronic Components Datasheet Search
  English  ▼

X  

INA330 Datasheet(PDF) 5 Page - Texas Instruments

Part # INA330
Description  THERMISTOR SIGNAL AMPLIFIER FOR TEMPERATURE CONTROL
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

INA330 Datasheet(HTML) 5 Page - Texas Instruments

  INA330 Datasheet HTML 1Page - Texas Instruments INA330 Datasheet HTML 2Page - Texas Instruments INA330 Datasheet HTML 3Page - Texas Instruments INA330 Datasheet HTML 4Page - Texas Instruments INA330 Datasheet HTML 5Page - Texas Instruments INA330 Datasheet HTML 6Page - Texas Instruments INA330 Datasheet HTML 7Page - Texas Instruments INA330 Datasheet HTML 8Page - Texas Instruments INA330 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
INA330
5
SBOS260
www.ti.com
TYPICAL CHARACTERISTICS
At TA = +25°C, V1 = V2 = +1V, VADJUST = +2.5V, RSET = 10kΩ, RTHERM = 10kΩ (5%), RG = 200kΩ, CFILTER = 500pF, and external 1kHz filtering, unless otherwise noted.
CURRENT CONVEYOR OFFSET ERROR
CHANGE OVER TEMPERATURE
PRODUCTION DISTRIBUTION
Current Conveyor Offset Error
Change Over Temperature (nA)
A 40nA current offset error
variation with ambient
temperature results in a
0.009
°C variation in set-
point temperature over
–40
°C to +85°C ambient.
Change in offset error from
+25
°C to +85°C, or from
+25
°C to –40°C.
CURRENT CONVEYOR OFFSET ERROR
PRODUCTION DISTRIBUTION
Current Conveyor Offset Error (nA)
This error is generally
calibrated out.
0.01Hz TO 10Hz VOLTAGE NOISE
5s/div
2
3
10
1
V
2
V
EXCITE
1V
Test Configuration
for this page.
V
1
8
7
I
1
I
2
INA330
R
G
200k
Ω
10k
Ω
10k
Ω
V
O
C
FILTER
500pF
+5V
4
2.5V
95
6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com