Electronic Components Datasheet Search
  English  ▼

X  

INA330 Datasheet(PDF) 9 Page - Texas Instruments

Part # INA330
Description  THERMISTOR SIGNAL AMPLIFIER FOR TEMPERATURE CONTROL
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

INA330 Datasheet(HTML) 9 Page - Texas Instruments

Back Button INA330 Datasheet HTML 5Page - Texas Instruments INA330 Datasheet HTML 6Page - Texas Instruments INA330 Datasheet HTML 7Page - Texas Instruments INA330 Datasheet HTML 8Page - Texas Instruments INA330 Datasheet HTML 9Page - Texas Instruments INA330 Datasheet HTML 10Page - Texas Instruments INA330 Datasheet HTML 11Page - Texas Instruments INA330 Datasheet HTML 12Page - Texas Instruments INA330 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 17 page
background image
INA330
9
SBOS260
www.ti.com
FIGURE 6. PID Temperature Control Loop.
25
°C. V
ADJ = 2.5V + 0.9V will change the set-point by 1°C.
A 0V to 5V D/A converter will provide approximately
±2.5°C
adjustment range. A 12-bit D/A converter will allow for
approximately 0.001
°C resolution on the set-point tempera-
ture.
For best temperature stability, the set-point temperature
voltage should be derived ratiometrically from VBIAS. A D/A
converter used to derive the set-point voltage should share
the same reference voltage source as VBIAS. Likewise, the 1V
INA330
+5V(2)
V
2
1V(1)
V
1
2
3
10
1
4
Enable
+5V
I
1
I
2
R
SET
10k
Ω
R
G
200k
Ω
Thermistor
R
SET = 10kΩ
C
FILTER
500pF
I
O = I1 – I2
V
O
8
7
V
ADJUST = 0V to 5V
= 2.5V at 25
°C Set-Point
D/A
Converter
Temperature
Adjust
V
REF
(1) = +5V
R
1
R
3
R
2
OPA348
C
1
C
3
+5V
R
4
10k
Ω
10k
Ω
10k
Ω
OPA569
OPA569
TEC
Cooling
C
2
PID
3.3V
3.3V
10k
Ω
10k
Ω
NOTES: (1) Ratiometrically derived voltages.
(2) The INA330 can also use a 3.3V, supply;
however, components must be chosen appropriate
to the smaller output voltage range.
✻
indicates direction of voltage change for
rising temperature at the thermistor.
TEC DRIVER AMPLIFIER OPTIONS
OPA569
2A Linear Amplifier
DRV591
3A PWM Power Driver
DRV593
3A PWM Power Driver
DRV594
3A PWM Power Driver
4k
Ω
1k
Ω
V
REF
(1)
+5V
10k
Ω
10k
Ω
V
REF
(1)
+5V
95
6
V
BIAS
(1)
2.5V
+
–
✻
✻
✻
✻
source for V1 and V2 should be derived from the same
reference.
The PID loop compensation can be optimized for loop
stability and best response to thermal transients by adjusting
C1, C2, C3, R2, R3, and R4. This is highly dependant on the
thermal characteristics of the temperature-controlled block
and thermistor/TEC mounting. Figure 7 shows a circuit that
can be used as an intermediate circuit to easily adjust
components and determine system requirements.
FIGURE 7. Diagnostic and Optimization PID Temperature Control Loop.
C
2
1
µF
R
7
10M
Ω
R
6
5k
Ω
INA330
+5V
+1V
Enable
+5V
R
SET
10k
Ω
R
G
200k
Ω
Thermistor
R
THERM = 10kΩ
C
FILTER
500pF
V
ADJ
D/A
Converter
Ref
R
4
10k
Ω
R
2
200
Ω
R
1
2k
Ω
V
BIAS
1/4
OPA340
R
3
10k
Ω
C
1
22nF
R
8
10k
Ω
1/4
OPA4340
R
10
100k
Ω
R
11
10k
Ω
1/4
OPA4340
R
9
100k
Ω
C
3
1
µF
V
BIAS
V
BIAS
V
BIAS
R
13
1M
Ω
R
14
10k
Ω
1/4
OPA4340
R
12
100k
Ω
Differentiator
TC: 100ms to 1s
Integrator
TC: 1s to 10s
C
4
0.1
µF
Power
Amplifier
OPA569
DRV591
DRV593
DRV594
To
TEC
1/2
OPA2340
R
15
10k
Ω
Proportional
V
BIAS
R
5
5k
Ω
V
1
V
2
3
2
1
10
75
6
8
7
4
I
1
I
2
This versatile PID compensation circuit allows
independent adjustment of the Proportional,
Integral, and Derivative control signals to
facilitate optimization of loop dynamics. The
results can then be duplicated using the circuit
shown in Figure 6.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com