Electronic Components Datasheet Search
  English  ▼

X  

INA333 Datasheet(PDF) 5 Page - Texas Instruments

Part # INA333
Description  Micro-Power, Zerø-Drift, Rail-to-Rail Out Instrumentation Amplifier
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

INA333 Datasheet(HTML) 5 Page - Texas Instruments

  INA333 Datasheet HTML 1Page - Texas Instruments INA333 Datasheet HTML 2Page - Texas Instruments INA333 Datasheet HTML 3Page - Texas Instruments INA333 Datasheet HTML 4Page - Texas Instruments INA333 Datasheet HTML 5Page - Texas Instruments INA333 Datasheet HTML 6Page - Texas Instruments INA333 Datasheet HTML 7Page - Texas Instruments INA333 Datasheet HTML 8Page - Texas Instruments INA333 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 27 page
background image
INA333-HT
www.ti.com
SBOS514C – MARCH 2010 – REVISED OCTOBER 2013
THERMAL CHARACTERISTICS FOR JD PACKAGE
over operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
High-K board(2), no airflow
64.9
θJA
Junction-to-ambient thermal resistance(1)
°C/W
No airflow
83.4
θJB
Junction-to-board thermal resistance
High-K board without underfill
27.9
°C/W
θJC
Junction-to-case thermal resistance
6.49
°C/W
(1)
The intent of
θJA specification is solely for a thermal performance comparison of one package to another in a standardized environment.
This methodolgy is not meant to and will not predict the performance of a package in an application-specific environment.
(2)
JED51-7, high effective thermal conductivity test board for leaded surface mount packages.
THERMAL CHARACTERISTICS FOR HKJ OR HKQ PACKAGE
over operating free-air temperature range (unless otherwise noted)
PARAMETER
MIN
TYP
MAX
UNIT
to ceramic side of case
5.7
θJC
Junction-to-case thermal resistance
°C/W
to top of case lid (metal side of case)
13.7
ELECTRICAL CHARACTERISTICS: VS = +1.8 V to +5.5 V
At TA = +25°C, RL = 10kΩ, VREF = VS/2, and G = 1, unless otherwise noted.
TA = –55°C to +125°C
TA = +210°C
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
MIN
TYP
MAX
UNIT
INPUT(1)
Offset voltage,
VOSI
±10 ±25/G
±25 ±75/G
±15
μV
RTI(2)
vs Temperature
±0.1 ±0.5/G(3)
0.2(4)(5)
μV/°C
vs Power supply
PSR
1.8 V
≤ VS ≤ 5.5 V
±1 ±5/G
±5 ±15/G
2.5(4)
μV/V
Long-term stability
See note (6)
Turn-on time to specified
See Typical characteristics
See Typical characteristics
VOSI
Impedance
Differential
ZIN
100 || 3
100 || 3
G
Ω || pF
Common-mode
ZIN
100 || 3
100 || 3
G
Ω || pF
Common-mode
VCM
VO = 0 V
(V–) + 0.1
(V+) – 0.1
(V–) + 0.1
(V+) – 0.1 V
V
voltage range
Common-mode
CMR
DC to 60 Hz
rejection
VCM = (V–) + 0.1 V to
G = 1
80
90
dB
(V+) – 0.1 V
VCM = (V–) + 0.1 V to
G = 10
100
110
dB
(V+) – 0.1 V
VCM = (V–) + 0.1 V to
G = 100
100
115
110
dB
(V+) – 0.1 V
VCM = (V–) + 0.1 V to
G = 1000
100
115
113
dB
(V+) – 0.1 V
INPUT BIAS CURRENT
Input bias current
IB
±70
±200
±1260
±2044
pA
vs Temperature
See Typical Characteristic curve
See Typical Characteristic curve
pA/°C
Input offset current
IOS
±50
±200
pA
vs Temperature
See Typical Characteristic curve
See Typical Characteristic curve
pA/°C
(1)
Total VOS, Referred-to-input = (VOSI) + (VOSO/G).
(2)
RTI = Referred-to-input.
(3)
Temperature drift is measured from –55°C to +125°C.
(4)
G = 1000
(5)
Temperature drift is measured from 125°C to +210°C.
(6)
300-hour life test at +150°C demonstrated randomly distributed variation of approximately 1
μV.
Copyright © 2010–2013, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: INA333-HT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com