Electronic Components Datasheet Search
  English  ▼

X  

INA333 Datasheet(PDF) 14 Page - Texas Instruments

Part # INA333
Description  Micro-Power, Zerø-Drift, Rail-to-Rail Out Instrumentation Amplifier
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

INA333 Datasheet(HTML) 14 Page - Texas Instruments

Back Button INA333 Datasheet HTML 10Page - Texas Instruments INA333 Datasheet HTML 11Page - Texas Instruments INA333 Datasheet HTML 12Page - Texas Instruments INA333 Datasheet HTML 13Page - Texas Instruments INA333 Datasheet HTML 14Page - Texas Instruments INA333 Datasheet HTML 15Page - Texas Instruments INA333 Datasheet HTML 16Page - Texas Instruments INA333 Datasheet HTML 17Page - Texas Instruments INA333 Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 27 page
background image
INA333-HT
SBOS514C – MARCH 2010 – REVISED OCTOBER 2013
www.ti.com
APPLICATION INFORMATION
Application
information
below
is
provided
for
SETTING THE GAIN
commercial temperature as a reference and not for
high temperature.
Gain of the INA333 is set by a single external
resistor, RG, connected between pins 1 and 8. The
It is not recommended to use a gain < 100 for high
value of RG is selected according to Equation 1:
temperature (210°C) applications. For gains > 100 in
such applications, a compensation circuit is needed
G = 1 + (100 k
Ω/RG)
(1)
(1)
at pins 1 and 8. The circuit is needed at each pin and
Table 2 lists several commonly-used gains and
consists of a resistor in series with a capacitor
resistor values. The 100 k
Ω term in Equation 1
referenced to ground. Recommended values for the
comes from the sum of the two internal feedback
resistor and capacitor are 3.5 k
Ω and 10 nF
resistors of A1 and A2. These on-chip resistors are
respectively.
laser trimmed to accurate absolute values. The
Figure 34 shows the basic connections required for
accuracy
and
temperature
coefficient
of
these
operation of the INA333. Good layout practice
resistors are included in the gain accuracy and drift
mandates the use of bypass capacitors placed close
specifications of the INA333.
to the device pins as shown.
The stability and temperature drift of the external gain
The output of the INA333 is referred to the output
setting resistor, RG, also affects gain. The contribution
reference
(REF)
terminal,
which
is
normally
of RG to gain accuracy and drift can be directly
grounded. This connection must be low-impedance to
inferred from the gain Equation 1. Low resistor values
assure good common-mode rejection. Although 15
Ω
required for high gain can make wiring resistance
or less of stray resistance can be tolerated while
important. Sockets add to the wiring resistance and
maintaining specified CMRR, small stray resistances
contribute additional gain error (possibly an unstable
of tens of ohms in series with the REF pin can cause
gain error) in gains of approximately 100 or greater.
noticeable degradation in CMRR.
To ensure stability, avoid parasitic capacitance of
more than a few picofarads at the RG connections.
Careful matching of any parasitics on both RG pins
maintains optimal CMRR over frequency.
14
Submit Documentation Feedback
Copyright © 2010–2013, Texas Instruments Incorporated
Product Folder Links: INA333-HT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com