Electronic Components Datasheet Search
  English  ▼

X  

MCSP2425CM Datasheet(PDF) 4 Page - Sensata Technologies, Inc.

Part # MCSP2425CM
Description  SOFT START/SOFT STOP SOLID STATE RELAY
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SENSATA [Sensata Technologies, Inc.]
Direct Link  https://www.sensata.com/
Logo SENSATA - Sensata Technologies, Inc.

MCSP2425CM Datasheet(HTML) 4 Page - Sensata Technologies, Inc.

  MCSP2425CM Datasheet HTML 1Page - Sensata Technologies, Inc. MCSP2425CM Datasheet HTML 2Page - Sensata Technologies, Inc. MCSP2425CM Datasheet HTML 3Page - Sensata Technologies, Inc. MCSP2425CM Datasheet HTML 4Page - Sensata Technologies, Inc. MCSP2425CM Datasheet HTML 5Page - Sensata Technologies, Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
RAMP TIME IN SECONDS
Option A 5Vdc
Option B 7Vdc
Option C 10Vdc
Option A 5Vdc
Option B 7Vdc
Option C 10Vdc
0
0
0.4
0.5
0.6
0.7
0.2
0.3
0.1
0.8
0.9
1.0
1.1
24
68
10
12
Option S (1 sec)
Analog Input Voltage P4
0
0
4
5
6
7
2
3
1
8
9
0
11
24
68
10
12
Option M (10 sec)
Analog Input Voltage P4
0
0
0.4
0.5
0.6
0.7
0.2
0.3
0.1
0.8
0.9
1.0
1.1
48
12
16
20
100%
0%
Ramp time
Soft Start
Option S (1 sec)
Analog Input Current P4
Option D 4-20mA
0
0
4
5
6
7
2
3
1
8
9
0
11
48
12
16
20
Option M (10 sec)
Analog Input Current P4
Option D 4-20m A
100%
0%
Ramp time
Soft Stop
100%
0%
Ramp time
Ramp time
Soft Start/Stop
Page 4
www.sensata.com
Copyright © 2024 Sensata Technologies, Inc.
Series
Product Type
ST: Soft Start
MC
SP: Soft Stop
SS: Soft Start/Soft Stop
Operating Voltage
12: 90-140 Vrms
24: 180-280 Vrms
48: 300-530 Vrms
Rated Load Current
25: 25 Amps
50: 50 Amps
90: 90 Amps
Analog Input
A: 0-5 VDC
B: 0-7 VDC
C: 0-10 VDC
D: 4-20 mA
E: Internal Potentiometer
ORDERING OPTIONS
Example : MCST2425CS
MC
ST
24
25
C
S
Ramp Time On/O
S:
100 msec - 1 sec
M:
1 sec - 10 sec
Required for valid part number
For options only and not required for valid part
number
NOTE: Not all combinations are available.
Consult factory for information on the availability of a specific part number.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com