Electronic Components Datasheet Search
  English  ▼

X  

MCSP2425CM Datasheet(PDF) 1 Page - Sensata Technologies, Inc.

Part # MCSP2425CM
Description  SOFT START/SOFT STOP SOLID STATE RELAY
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SENSATA [Sensata Technologies, Inc.]
Direct Link  https://www.sensata.com/
Logo SENSATA - Sensata Technologies, Inc.

MCSP2425CM Datasheet(HTML) 1 Page - Sensata Technologies, Inc.

  MCSP2425CM Datasheet HTML 1Page - Sensata Technologies, Inc. MCSP2425CM Datasheet HTML 2Page - Sensata Technologies, Inc. MCSP2425CM Datasheet HTML 3Page - Sensata Technologies, Inc. MCSP2425CM Datasheet HTML 4Page - Sensata Technologies, Inc. MCSP2425CM Datasheet HTML 5Page - Sensata Technologies, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Page 1
www.sensata.com
Copyright © 2024 Sensata Technologies, Inc.
| MCS SERIES
SOFT START/SOFT STOP SOLID STATE RELAY
PRODUCT SELECTION
Features
• Microcontroller based soft start/soft stop SSR
• Ratings from 25 A to 90 A @ 48-530 VAC
• Low-voltage, current or potentiometer control
• Output status indicator
•
•
Adjustable ramp rates
For use with a wide range of resistive loads
Description
120 VAC
240 VAC
480 VAC
Operating Voltage (47-63Hz) [Vrms]
48-140
180-280
300-530
Transient Overvoltage [Vpk]
400
600
1200
Maximum O-State Leakage Current @ Rated Voltage [mArms]
5
7
12
Minimum O-State dv/dt @ Maximum Rated Voltage [V/sec]
200
200
200
Line Voltage
25 A
50 A
90 A
120 VAC
MCST1225
MCST1250
MCST1290
240 VAC
MCST2425
MCST2450
MCST2490
480 VAC
MCST4825
MCST4850
MCST4890
SPECIFICATIONS
Output (voltage)


Similar Part No. - MCSP2425CM

ManufacturerPart #DatasheetDescription
logo
Crydom Inc.,
MCSP2425CM CRYDOM-MCSP2425CM Datasheet
1Mb / 20P
THE GLOBAL EXPERT IN SOLID STATE RELAY TECHNOLOGY
More results

Similar Description - MCSP2425CM

ManufacturerPart #DatasheetDescription
logo
Crydom Inc.,
MCST1225 CRYDOM-MCST1225 Datasheet
1Mb / 5P
Microprocessor based soft-start / soft-stop controller
logo
Omron Electronics LLC
G3J-T-C OMRON-G3J-T-C Datasheet
715Kb / 8P
Solid State Contactor for 3-phase Motors with Built-in Soft Start/Stop and Monitor Output
G3JS403BLDC1224 OMRON-G3JS403BLDC1224 Datasheet
260Kb / 4P
Soft-start Solid State Contactors
logo
Rohm
BD2068FJ-M ROHM-BD2068FJ-M Datasheet
1Mb / 25P
Soft-Start Circuit
logo
Festo Corporation.
529521 FESTO-529521 Datasheet
85Kb / 2P
Soft start valve
3/31/22
529533 FESTO-529533 Datasheet
83Kb / 1P
Soft start valve
3/31/22
529818 FESTO-529818 Datasheet
83Kb / 1P
Soft start valve
3/31/22
531992 FESTO-531992 Datasheet
84Kb / 1P
Soft start valve
3/31/22
542566 FESTO-542566 Datasheet
86Kb / 2P
Soft start valve
3/31/22
542569 FESTO-542569 Datasheet
85Kb / 2P
Soft start valve
3/31/22
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com