Electronic Components Datasheet Search
  English  ▼

X  

SLG46534 Datasheet(PDF) 13 Page - Renesas Technology Corp

Part # SLG46534
Description  Programmable Mixed-signal Matrix with Asynchronous State Machine
PDF  170 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SLG46534 Datasheet(HTML) 13 Page - Renesas Technology Corp

Back Button SLG46534 Datasheet HTML 9Page - Renesas Technology Corp SLG46534 Datasheet HTML 10Page - Renesas Technology Corp SLG46534 Datasheet HTML 11Page - Renesas Technology Corp SLG46534 Datasheet HTML 12Page - Renesas Technology Corp SLG46534 Datasheet HTML 13Page - Renesas Technology Corp SLG46534 Datasheet HTML 14Page - Renesas Technology Corp SLG46534 Datasheet HTML 15Page - Renesas Technology Corp SLG46534 Datasheet HTML 16Page - Renesas Technology Corp SLG46534 Datasheet HTML 17Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 170 page
background image
© 2025 Renesas Electronics Corporation
Page 12 of 168
SLG46534
Revision 1.21
5.8 Timing Estimator
5.9 Typical Counter/Delay Offset Measurements
Table 3. Typical Delay Estimated for Each Macrocell at T = 25 °C
Symbol Parameter
Note
VDD = 1.8 V
VDD = 3.3 V
VDD = 5.0 V
Unit
rising falling rising falling rising falling
tpd
Delay
Digital Input to PP 1X
45
50
19
21
14
15
ns
tpd
Delay
Digital Input with Schmitt Trigger to PP
1X
44
49
19
21
14
15
ns
tpd
Delay
Low Voltage Digital input to PP 1X
46
447
19
195
14
134
ns
tpd
Delay
Digital input to PMOS output
44
-
19
-
14
-
ns
tpd
Delay
Digital input to NMOS output
-
81
-
30
-
20
ns
tpd
Delay
Output enable from pin, OE Hi-Z to 1
48
-
20
-
15
-
ns
tpd
Delay
Output enable from pin, OE Hi-Z to 0
-
46
-
20
-
14
ns
tpd
Delay
2-bit LUT (LATCH)
34
33
14
13
10
9
ns
tpd
Delay
LATCH (2-bit LUT)
3034141310
9
ns
tpd
Delay
3-bit LUT (LATCH)
38
37
18
15
13
10
ns
tpd
Delay
LATCH+nRESET (3-bit LUT)
45
42
21
17
15
12
ns
tpd
Delay
LATCH
33
35
14
14
11
10
ns
tpd
Delay
4-bit LUT
28
33
14
13
10
9
ns
tpd
Delay
2-bit LUT
31
31
14
13
10
9
ns
tpd
Delay
3-bit LUT
35
33
15
13
11
10
ns
tpd
Delay
CNT/DLY Logic
626827291920
ns
tpd
Delay
DFF
32281412
11
9
ns
tpd
Delay
P_DLY1C
367
356
165
160
123
119
ns
tpd
Delay
P_DLY2C
667
656
303
297
225
221
ns
tpd
Delay
P_DLY3C
968
956
440
434
327
322
ns
tpd
Delay
P_DLY4C
1265
1252
576
570
428
423
ns
tpd
Delay
Filter
213
210
84
83
55
55
ns
tpd
Delay
ACMP (5 mV overdrive, IN- = 600 mV)
1600
1900
1500
1800
1600
1800
ns
tw
width
IO with 1X push pull (min transmitted)
20
20
20
20
20
20
ns
tw
width
filter (min transmitted)
150
150
55
55
35
35
ns
Table 4. Typical Counter/Delay Offset Measurements
Parameter
RC OSC
Freq
RC OSC Power
VDD = 1.8 V VDD = 3.3 V VDD = 5.0 V
Unit
Offset (Power On Delay)
25 kHz
auto
1.6
1.6
1.6
s
Offset (Power On Delay), fast start
25 kHz
auto
2.1
2.1
2.1
s
Offset (Power On Delay)
2 MHz
auto
0.4
0.2
0.2
s
Offset (Power On Delay), fast start
2 MHz
auto
0.7
0.5
0.4
s
Offset (Power On Delay)
25 MHz
auto
0.01
0.05
0.04
s
Frequency settling time
25 kHz
auto
19
14
12
s
Frequency settling time
2 MHz
auto
14
14
14
s
Variable (CLK period)
25 kHz
forced
0-40
0-40
0-40
s
Variable (CLK period)
2 MHz
forced
0-0.5
0-0.5
0-0.5
s
Variable (CLK period)
25 MHz
0-0.04
0-0.04
0-0.04
s



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com