Electronic Components Datasheet Search
  English  ▼

X  

P161 Datasheet(PDF) 1 Page - TT Electronics.

Part # P161
Description  17 mm Rotary Potentiometer with Push-Pull Switch
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.

P161 Datasheet(HTML) 1 Page - TT Electronics.

  P161 Datasheet HTML 1Page - TT Electronics. P161 Datasheet HTML 2Page - TT Electronics. P161 Datasheet HTML 3Page - TT Electronics. P161 Datasheet HTML 4Page - TT Electronics. P161 Datasheet HTML 5Page - TT Electronics. P161 Datasheet HTML 6Page - TT Electronics. P161 Datasheet HTML 7Page - TT Electronics. P161 Datasheet HTML 8Page - TT Electronics.  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
17 mm Rotary Potentiometer
with Push-Pull Switch
P161 Series
© TT electronics plc
General Note
TT Electronics reserves the right to make changes in product specification without
notice or liability. All information is subject to TT Electronics’ own data and is
considered accurate at time of going to print.
Document No.: ________________
TT Electronics | BI Technologies
Circulo de la Amistad #102 PIMSA IV Mexicali B.C. Mexico C.P 21210
Ph: + 1 (714) 447-2345
www.ttelectronics.com/bi-technologies
Rev - 06/2019 Page 1
Applications:
•
Electric
guitars
•
Amplifiers
•
Mixers
•
Drum
machines
•
Synthesizers
Description:
17mm
rotary dual gang potentiometer
with push-pull switch. Options include
metal shaft; audio and linear tapers; metal
bushing; knurled or plain shaft types.
Electrical Characteristics
TA = 25ᵒC unless otherwise noted
Resistance Range
1 k Ω to 1 M Ω
Standard Resistance Tolerance
500 Ω<R<1 M Ω ± 20%
R≤500 Ω or R≥1 M Ω ± 30%
Residual Resistance
Term. 1~2: Less than 20 Ω
Term: 2~3: Less than 20 Ω
Resistance Taper
A, B, C, D
Maximum Operating Voltage
Linear Taper B: 200 Vac
Other Tapers: 150 Vac
Rated Power
Linear Taper B: 0.2 W
Audio: 0.1 W
Dielectric Strength
1 minute at 500 Vac
Rotational Noise
Less than 100 mV
Insulation Resistance
More than 100 MΩ at 500 Vdc
Gang Error (Dual Unit)
-40 dB~0 dB ± 3 dB
Features:
•
Resistance
range 1 kΩ to 1 MΩ
•
Temperature
range -10°C to +70°C
•
Rotational
cycles of 15,000 minimum
•
Switch option
•
Vertical and horizontal mount versions
•
RoHS compliant
OBSOLETE


Similar Part No. - P161

ManufacturerPart #DatasheetDescription
logo
Red Lion Controls. Inc
P1610000 REDLION-P1610000 Datasheet
1Mb / 28P
MODELS T16 & P16 - TEMPERATURE/PROCESS CONTROLLERS
P1610000 REDLION-P1610000 Datasheet
1Mb / 28P
MODELS T16 & P16 - TEMPERATURE/PROCESS CONTROLLERS
logo
NIKO SEMICONDUCTOR CO.,...
P1610AD NIKOSEM-P1610AD Datasheet
310Kb / 4P
N-Channel Enhancement Mode Field Effect Transistor
logo
Wuxi U-NIKC Semiconduct...
P1610AD UNIKC-P1610AD Datasheet
513Kb / 5P
N-Channel Enhancement Mode MOSFET
logo
NIKO SEMICONDUCTOR CO.,...
P1610AK NIKOSEM-P1610AK Datasheet
346Kb / 4P
N-Channel Enhancement Mode Field Effect Transistor
More results

Similar Description - P161

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
PDA17 BOURNS-PDA17 Datasheet
266Kb / 3P
17 mm Rotary Potentiometer
PTR90 BOURNS-PTR90 Datasheet
391Kb / 3P
9 mm Multi-Ganged Potentiometer w/Rotary Switch
PDB18 BOURNS-PDB18 Datasheet
522Kb / 5P
17 mm Rotary Potentiometer
PDB183 BOURNS-PDB183 Datasheet
362Kb / 3P
17 mm Rotary Potentiometer w/Push-Pull Switch
PDB183-GTR BOURNS-PDB183-GTR Datasheet
507Kb / 4P
17 mm Guitar Potentiometer w/Push-Pull Switch
PDB184 BOURNS-PDB184 Datasheet
270Kb / 2P
17 mm Rotary Potentiometer w/Rotary Switch
PDB18 BOURNS-PDB18_13 Datasheet
583Kb / 5P
17 mm Rotary Potentiometer
PDB185-GTR BOURNS-PDB185-GTR Datasheet
665Kb / 4P
17 mm Guitar Potentiometer w/Latching-Push Switch
H-1202 BOURNS-H-1202 Datasheet
341Kb / 2P
17 mm Guitar Potentiometer
logo
Littelfuse
LF11115TMR LITTELFUSE-LF11115TMR Datasheet
631Kb / 6P
TMR Bipolar Switch 17 Gauss 200nA Push Pull Sensor
Revised: 02/20/20
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com