Electronic Components Datasheet Search
  English  ▼

X  

P161 Datasheet(PDF) 3 Page - TT Electronics.

Part # P161
Description  17 mm Rotary Potentiometer with Push-Pull Switch
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.

P161 Datasheet(HTML) 3 Page - TT Electronics.

  P161 Datasheet HTML 1Page - TT Electronics. P161 Datasheet HTML 2Page - TT Electronics. P161 Datasheet HTML 3Page - TT Electronics. P161 Datasheet HTML 4Page - TT Electronics. P161 Datasheet HTML 5Page - TT Electronics. P161 Datasheet HTML 6Page - TT Electronics. P161 Datasheet HTML 7Page - TT Electronics. P161 Datasheet HTML 8Page - TT Electronics.  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
17 mm Rotary Potentiometer
P161 Series
© TT electronics plc
General Note
TT Electronics reserves the right to make changes in product specification without
notice or liability. All information is subject to TT Electronics’ own data and is
considered accurate at time of going to print.
Document No.: ________________
TT Electronics | BI Technologies
Circulo de la Amistad #102 PIMSA IV Mexicali B.C. Mexico C.P 21210
Ph: + 1 (714) 447-2345
www.ttelectronics.com/bi-technologies
Rev - 06/2019 Page 3
P161
G
1
00
Q
S
C
20
B
102
Part Family
Terminal Configuration
G - PC Pins, Down Facing
K - Solder Lugs, Rear Facing
Gang Number
1 - 1 Gang
2 - 2 Gangs (Only w/ Term. Type “G”)
Detents/ Rotation
00 - No Position
01 - Center Detent
Shaft Style
Q - Metal Knurled Type
P - Metal Plain Type Shaft
Switch Option
S - Push-Pull Switch
Full CCW Position
A/C/N (see note 1 page 4)
Shaft Length (mm) - L
20/25/30
Resistance Taper
A - Audio (15A)
B - Linear (1B)
C - Reverse Audio (15C)
D - Audio (10A)
Resistance
See Resistance Table
Resistance Table
Resistance
(Ohms)
Code
1,000
102
2,000
202
5,000
502
10,000
103
20,000
203
50,000
503
100,000
104
200,000
204
500,000
504
1,000,000
105
Ordering Information
OBSOLETE



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com