Electronic Components Datasheet Search
  English  ▼

X  

ISO124 Datasheet(PDF) 16 Page - Texas Instruments

Part # ISO124
Description  ISO124 ±10-V Input, Precision Isolation Amplifier
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ISO124 Datasheet(HTML) 16 Page - Texas Instruments

Back Button ISO124 Datasheet HTML 12Page - Texas Instruments ISO124 Datasheet HTML 13Page - Texas Instruments ISO124 Datasheet HTML 14Page - Texas Instruments ISO124 Datasheet HTML 15Page - Texas Instruments ISO124 Datasheet HTML 16Page - Texas Instruments ISO124 Datasheet HTML 17Page - Texas Instruments ISO124 Datasheet HTML 18Page - Texas Instruments ISO124 Datasheet HTML 19Page - Texas Instruments ISO124 Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 29 page
background image
R
1
R
2
R
4
INA105
Difference Amp
R
3
R
S
2
3
4
IN4689
5.1V
Reference
5
7
6
1
V
IN
Signal Source
+
10kΩ
15
–V
S2 (–15V)
+V
S2 (+15V)
V
S1 (+15V)
16
–V
S1
Com 2
10
In
Gnd
RC
(1)
V
S
(V)
20+
15
12
INPUT RANGE
(V)(1)
–2 to +10
–2 to +5
–2 to +2
7
9
8
ISO124
2
1
V
OUT = VIN
R
CM
1kΩ
RCV420
XTR105
R
G
R
Z
(1)
13
3
4
2
6
7
10
14
1
0.01µF
4-20mA
RTD
(PT100)
0.8mA
0.8mA
1.6mA
14
15
16
3
2
10
4
12
11
5, 13
15
16
2
1
Gnd
–V
S = –15V
on PWS740
+V
S = 15V on PWS740
9
10
7
8
–V
+V
ISO124
V
OUT
0V - 5V
16
ISO124
SBOS074E – SEPTEMBER 1997 – REVISED JUNE 2018
www.ti.com
Product Folder Links: ISO124
Submit Documentation Feedback
Copyright © 1997–2018, Texas Instruments Incorporated
Typical Applications (continued)
8.2.5 Isolated 4-mA to 20-mA Instrument Loop
For isolated temperature measurements in a 4-mA to 20-mA loop, Figure 20 provides a solution using the
XTR101 and RCV420 devices. A high-performance PT100 resistance temperature detector (RTD) provides the
user with an isolated 0-V to 5-V representation of the isolated temperature measurement.
Figure 20. Isolated 4- to 20-mA Instrument Loop (RTD Shown)
8.2.6 Single-Supply Operation of the ISO124 Isolation Amplifier
The circuit shown in Figure 21 uses a 5.1-V Zener diode to generate the negative supply for an ISO12x from a
single supply on the high-voltage side of the isolation amplifier. The input measuring range will be dependent on
the applied voltage as noted in the accompanying table.
NOTE: Because the amplifier is unity gain, the input range is also the output range. The output can go to –2 V because the
output section of the ISO amp operates from dual supplies.
For additional information see Single-Supply Operation of Isolation Amplifiers.
Figure 21. Single-Supply Operation of the ISO124 Isolation Amplifier Schematic



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com