Electronic Components Datasheet Search
  English  ▼

X  

ISO124 Datasheet(PDF) 18 Page - Texas Instruments

Part # ISO124
Description  ISO124 ±10-V Input, Precision Isolation Amplifier
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ISO124 Datasheet(HTML) 18 Page - Texas Instruments

Back Button ISO124 Datasheet HTML 14Page - Texas Instruments ISO124 Datasheet HTML 15Page - Texas Instruments ISO124 Datasheet HTML 16Page - Texas Instruments ISO124 Datasheet HTML 17Page - Texas Instruments ISO124 Datasheet HTML 18Page - Texas Instruments ISO124 Datasheet HTML 19Page - Texas Instruments ISO124 Datasheet HTML 20Page - Texas Instruments ISO124 Datasheet HTML 21Page - Texas Instruments ISO124 Datasheet HTML 22Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 29 page
background image
16
Gnd V
IN
V–
V+
V+
V–
V
O
Gnd
15
1
2
1
2
10
9
7
8
Input
Section
Output
Section
5
6
7
+15V Gnd
7
6
5
2
1
V
IN
Input
Gnd
+15V, 20mA
–15V, 20mA
–15V, 20mA
+15V, 20mA
Auxiliary
Isolated
Power
Output
Auxiliary
Isolated
Power
Output
Output
Gnd
V
O
ISO124
0.47µF
0.47µF
0.47µF
0.47µF
0.47µF
DCP011515DB
or
DCV011515D
DCP011515DB
or
DCV011515D
18
ISO124
SBOS074E – SEPTEMBER 1997 – REVISED JUNE 2018
www.ti.com
Product Folder Links: ISO124
Submit Documentation Feedback
Copyright © 1997–2018, Texas Instruments Incorporated
Typical Applications (continued)
8.2.8 Powered ISO Amplifier With Three-Port Isolation
Figure 23 illustrates an application solution that provides isolated power to both the user and high-voltage sides
of the ISO124 amplifier.
Figure 23. Powered ISO Amplifier With Three-Port Isolation Schematic



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com