Electronic Components Datasheet Search
  English  ▼

X  

ISO124P Datasheet(PDF) 15 Page - Texas Instruments

Part # ISO124P
Description  ISO124 ±10-V Input, Precision Isolation Amplifier
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ISO124P Datasheet(HTML) 15 Page - Texas Instruments

Back Button ISO124P Datasheet HTML 11Page - Texas Instruments ISO124P Datasheet HTML 12Page - Texas Instruments ISO124P Datasheet HTML 13Page - Texas Instruments ISO124P Datasheet HTML 14Page - Texas Instruments ISO124P Datasheet HTML 15Page - Texas Instruments ISO124P Datasheet HTML 16Page - Texas Instruments ISO124P Datasheet HTML 17Page - Texas Instruments ISO124P Datasheet HTML 18Page - Texas Instruments ISO124P Datasheet HTML 19Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 29 page
background image
2
6
10.0V
4
REF102
INA114
or
INA128
+In
7
4
3
8
1
2
5
16
15
8
10
ISO124
7
V
OUT
9
6
–In
+15V
+15V
–15V
+15V –15V
ISA
TYPE
E
J
K
T
MATERIAL
Chromel
Constantan
Iron
Constantan
Chromel
Alumel
Copper
Constantan
SEEBACK
COEFFICIENT
(µV/°C)
58.5
50.2
39.4
38.0
R
2
(R
3 = 100Ω)
3.48kΩ
4.12kΩ
5.23kΩ
5.49kΩ
R
4
(R
5 + R6 = 100Ω)
56.2kΩ
64.9kΩ
80.6kΩ
84.5kΩ
+15V –15V
R
3
100Ω
Ground Loop Through Conduit
NOTE: (1) –2.1mV/°C at 2.00µA.
R
1
27kΩ
Isothermal
Block with
1N4148(1)
R
2
1MΩ
R
5
50Ω
R
G
R
4
R
6
100
Zero Adj
Thermocouple
2
1
15
ISO124
www.ti.com
SBOS074E – SEPTEMBER 1997 – REVISED JUNE 2018
Product Folder Links: ISO124
Submit Documentation Feedback
Copyright © 1997–2018, Texas Instruments Incorporated
Typical Applications (continued)
8.2.4 Thermocouple Amplifier
For isolated temperature measurements, Figure 19 provides an application solution using the INA114 or INA128
devices, feeding the input stage of the ISO124 device. The table provides suggested resistor values based on
the type of thermistor used in the application.
Figure 19. Thermocouple Amplifier With Ground Loop Elimination,
Cold Junction Compensation, and Up-scale Burn-out



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com