Electronic Components Datasheet Search
  English  ▼

X  

ISO124P Datasheet(PDF) 22 Page - Texas Instruments

Part # ISO124P
Description  ISO124 ±10-V Input, Precision Isolation Amplifier
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ISO124P Datasheet(HTML) 22 Page - Texas Instruments

Back Button ISO124P Datasheet HTML 18Page - Texas Instruments ISO124P Datasheet HTML 19Page - Texas Instruments ISO124P Datasheet HTML 20Page - Texas Instruments ISO124P Datasheet HTML 21Page - Texas Instruments ISO124P Datasheet HTML 22Page - Texas Instruments ISO124P Datasheet HTML 23Page - Texas Instruments ISO124P Datasheet HTML 24Page - Texas Instruments ISO124P Datasheet HTML 25Page - Texas Instruments ISO124P Datasheet HTML 26Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 29 page
background image
PACKAGE OPTION ADDENDUM
www.ti.com
23-May-2025
PACKAGING INFORMATION
Orderable part number
Status
(1)
Material type
(2)
Package | Pins
Package qty | Carrier
RoHS
(3)
Lead finish/
Ball material
(4)
MSL rating/
Peak reflow
(5)
Op temp (°C)
Part marking
(6)
ISO124P
Active
Production
PDIP (NVF) | 8
25 | TUBE
Yes
NIPDAU
N/A for Pkg Type
-25 to 85
ISO124P
ISO124P.A
Active
Production
PDIP (NVF) | 8
25 | TUBE
Yes
NIPDAU
N/A for Pkg Type
-25 to 85
ISO124P
ISO124P.B
Active
Production
PDIP (NVF) | 8
25 | TUBE
Yes
NIPDAU
N/A for Pkg Type
-25 to 85
ISO124P
ISO124U
Active
Production
SOIC (DVA) | 8
20 | TUBE
Yes
NIPDAU
Level-3-260C-168 HR
-25 to 85
ISO
124U
ISO124U.A
Active
Production
SOIC (DVA) | 8
20 | TUBE
Yes
NIPDAU
Level-3-260C-168 HR
-25 to 85
ISO
124U
ISO124U.B
Active
Production
SOIC (DVA) | 8
20 | TUBE
Yes
NIPDAU
Level-3-260C-168 HR
-25 to 85
ISO
124U
ISO124U/1K
Active
Production
SOIC (DVA) | 8
1000 | LARGE T&R
Yes
NIPDAU
Level-3-260C-168 HR
-25 to 85
ISO
124U
ISO124U/1K.A
Active
Production
SOIC (DVA) | 8
1000 | LARGE T&R
Yes
NIPDAU
Level-3-260C-168 HR
-25 to 85
ISO
124U
ISO124U/1K.B
Active
Production
SOIC (DVA) | 8
1000 | LARGE T&R
Yes
NIPDAU
Level-3-260C-168 HR
-25 to 85
ISO
124U
ISO124U/1KE4
Active
Production
SOIC (DVA) | 8
1000 | LARGE T&R
Yes
NIPDAU
Level-3-260C-168 HR
-25 to 85
ISO
124U
ISO124UE4
Active
Production
SOIC (DVA) | 8
20 | TUBE
Yes
NIPDAU
Level-3-260C-168 HR
-25 to 85
ISO
124U
(1) Status: For more details on status, see our product life cycle.
(2) Material type: When designated, preproduction parts are prototypes/experimental devices, and are not yet approved or released for full production. Testing and final process, including without limitation quality assurance,
reliability performance testing, and/or process qualification, may not yet be complete, and this item is subject to further changes or possible discontinuation. If available for ordering, purchases will be subject to an additional
waiver at checkout, and are intended for early internal evaluation purposes only. These items are sold without warranties of any kind.
(3) RoHS values: Yes, No, RoHS Exempt. See the TI RoHS Statement for additional information and value definition.
(4) Lead finish/Ball material: Parts may have multiple material finish options. Finish options are separated by a vertical ruled line. Lead finish/Ball material values may wrap to two lines if the finish value exceeds the maximum
column width.
(5) MSL rating/Peak reflow: The moisture sensitivity level ratings and peak solder (reflow) temperatures. In the event that a part has multiple moisture sensitivity ratings, only the lowest level per JEDEC standards is shown.
Refer to the shipping label for the actual reflow temperature that will be used to mount the part to the printed circuit board.
Addendum-Page 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com