Electronic Components Datasheet Search
  English  ▼

X  

LM1971 Datasheet(PDF) 2 Page - Texas Instruments

Part # LM1971
Description  LM1971 Overture™ Audio Attenuator Series Digitally Controlled 62 dB Audio Attenuator with/Mute
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM1971 Datasheet(HTML) 2 Page - Texas Instruments

  LM1971 Datasheet HTML 1Page - Texas Instruments LM1971 Datasheet HTML 2Page - Texas Instruments LM1971 Datasheet HTML 3Page - Texas Instruments LM1971 Datasheet HTML 4Page - Texas Instruments LM1971 Datasheet HTML 5Page - Texas Instruments LM1971 Datasheet HTML 6Page - Texas Instruments LM1971 Datasheet HTML 7Page - Texas Instruments LM1971 Datasheet HTML 8Page - Texas Instruments LM1971 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 22 page
background image
LM1971
SNAS104B – FEBRUARY 1995 – REVISED APRIL 2013
www.ti.com
Connection Diagram
Figure 2. Dual-In-Line Plastic or Surface Mount Package- Top View
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
Absolute Maximum Ratings
(1) (2) (3)
Supply Voltage, VDD
15V
Voltage at any pin
(GND
−0.2V) to (VDD +0.2V)
ESD Susceptibility(4)
3000V
Soldering Information
P Package (10s)
260°C
D Package
Vapor Phase (60s)
215°C
Infrared (15s)
220°C
Power Dissipation(5)
150 mW
Junction Temperature
150°C
Storage Temperature
−65°C to +150°C
(1)
All voltages are measured with respect to the GND pin (pin 3), unless otherwise specified.
(2)
Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. Operating Ratings indicate conditions for
which the device is functional, but do not specify specific performance limits. Electrical Characteristics state DC and AC electrical
specifications under particular test conditions which ensure specific performance limits. This assumes that the device is within the
Operating Ratings. Specifications are not ensured for parameters where no limit is given, however, the typical value is a good indication
of device performance.
(3)
If Military/Aerospace specified devices are required, please contact the Texas Instruments Sales Office/ Distributors for availability and
specifications.
(4)
Human body model, 100 pF discharged through a 1.5 k
Ω resistor.
(5)
The maximum power dissipation must be derated at elevated temperatures and is dictated by TJMAX, θJA, and the ambient temperature
TA. The maximum allowable power dissipation is PD = (TJMAX – TA)/θJA or the number given in the Absolute Maximum Ratings,
whichever is lower. For the LM1971N and LM1971M, TJMAX = +150°C, and the typical junction-to-ambient thermal resistance, θJA, when
board mounted is 102° C/W and 167° C/W, respectively.
Operating Ratings
(1) (2)
Temperature Range
TMIN ≤ TA ≤ TMAX
−40°C ≤ TA ≤ +85°C
D0008A Package,
θJA
167°C/W
Thermal Resistance
P0008E Package,
θJA
102°C/W
Supply Voltage
4.5V to 12V
(1)
Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. Operating Ratings indicate conditions for
which the device is functional, but do not specify specific performance limits. Electrical Characteristics state DC and AC electrical
specifications under particular test conditions which ensure specific performance limits. This assumes that the device is within the
Operating Ratings. Specifications are not ensured for parameters where no limit is given, however, the typical value is a good indication
of device performance.
(2)
All voltages are measured with respect to the GND pin (pin 3), unless otherwise specified.
2
Submit Documentation Feedback
Copyright © 1995–2013, Texas Instruments Incorporated
Product Folder Links: LM1971



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com