Electronic Components Datasheet Search
  English  ▼

X  

LM1971 Datasheet(PDF) 4 Page - Texas Instruments

Part # LM1971
Description  LM1971 Overture™ Audio Attenuator Series Digitally Controlled 62 dB Audio Attenuator with/Mute
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM1971 Datasheet(HTML) 4 Page - Texas Instruments

  LM1971 Datasheet HTML 1Page - Texas Instruments LM1971 Datasheet HTML 2Page - Texas Instruments LM1971 Datasheet HTML 3Page - Texas Instruments LM1971 Datasheet HTML 4Page - Texas Instruments LM1971 Datasheet HTML 5Page - Texas Instruments LM1971 Datasheet HTML 6Page - Texas Instruments LM1971 Datasheet HTML 7Page - Texas Instruments LM1971 Datasheet HTML 8Page - Texas Instruments LM1971 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 22 page
background image
LM1971
SNAS104B – FEBRUARY 1995 – REVISED APRIL 2013
www.ti.com
Pin Descriptions
VREFIN (1): The VREFIN pin provides the reference for the analog input signal. This pin should be biased at half of
the supply voltage, VDD, as shown in Figure 1 and Figure 19.
OUT (2): The attenuated analog output signal comes from this pin.
GND (3): The GND pin references the digital input signals and is the lower voltage reference for the IC.
Typically this pin would be labeled “VSS” but the ground reference for the digital logic input control is tied to
this same point. With a higher pin-count there would generally be separate pins for these functions; VSS
and Logic Ground. It is intended that the LM1971 always be operated using a single voltage supply
configuration, for which pin 3 (GND) should always be at system ground. If a bipolar or split-supply
configuration are desired, level shifting circuitry is needed for the digital logic control pins as they would be
referenced through pin 3 which would be at the negative supply. It is highly recommended, however, that
the LM1971 be used in a unipolar or single-supply configuration.
LOAD (4): The LOAD input accepts a TTL or CMOS level signal. This is the enable pin of the device, allowing
data to be clocked in while this input is low (0V). The GND pin is the reference for this signal.
DATA (5): The DATA input accepts a TTL or CMOS level signal. This pin is used to accept serial data from a
microcontroller that will be latched and decoded to change the channel's attenuation level. The GND pin is
the reference for this signal.
CLOCK (6): The CLOCK input accepts a TTL or CMOS level signal. The clock input is used to load data into the
internal shift register on the rising edge of the input clock waveform. The GND pin is the reference for this
signal.
VDD (7): The positive voltage supply should be placed to this pin.
IN (8): The analog input signal should be placed to this pin.
4
Submit Documentation Feedback
Copyright © 1995–2013, Texas Instruments Incorporated
Product Folder Links: LM1971



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com